Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4898MMBD Datasheet(PDF) 14 Page - Texas Instruments

Part # LM4898MMBD
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4898MMBD Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4898MMBD Datasheet HTML 10Page - Texas Instruments LM4898MMBD Datasheet HTML 11Page - Texas Instruments LM4898MMBD Datasheet HTML 12Page - Texas Instruments LM4898MMBD Datasheet HTML 13Page - Texas Instruments LM4898MMBD Datasheet HTML 14Page - Texas Instruments LM4898MMBD Datasheet HTML 15Page - Texas Instruments LM4898MMBD Datasheet HTML 16Page - Texas Instruments LM4898MMBD Datasheet HTML 17Page - Texas Instruments LM4898MMBD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM4898, LM4898MMBD
SNAS216D – MAY 2004 – REVISED MAY 2004
www.ti.com
Tolerance
Rf1
Rf2
Vo2-Vo1
ILOAD
20%
0.8R
1.2R
-0.5V
62.5mA
10%
0.9R
1.1R
-0.250V
31.25mA
5%
0.95R
1.05R
-0.125V
15.63mA
1%
0.99R
1.01R
-0.025V
3.125mA
0
R
R
R
0
Similar results would occur if the input resistors were not carefully matched. Adding input coupling capacitors in
between the signal source and the input resistors will eliminate this problem, however, to achieve best
performance with minimum component count it is highly recommended that both the feedback and input resistors
matched to 1% tolerance or better.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
•
Power Output 1W
•
Load Impedance 8
Ω
•
Input Level 1Vrms
•
Input Impedance 20k
Ω
•
Bandwidth 100Hz–20kHz ± 0.25dB
A designer must first determine the minimum supply rail to obtain the specified output power. The supply rail can
easily be found by extrapolating from the Output Power vs. Supply Voltage graphs in the Typical Performance
Characteristics section. A second way to determine the minimum supply rail is to calculate the required Vopeak
using Equation 7 and add the dropout voltages. Using this method, the minimum supply voltage is (Vopeak +(VDO
TOP+(VDO BOT )),where VDO BOT and VDO TOP are extrapolated from the Dropout Voltage vs. Supply Voltage curve
in the Typical Performance Characteristics section.
(7)
Using the Output Power vs. Supply Voltage graph for an 8
Ω load, the minimum supply rail just about 5V. Extra
supply voltage creates headroom that allows the LM4898 to reproduce peaks in excess of 1W without producing
audible distortion. At this time, the designer must make sure that the power supply choice along with the output
impedance does not violate the conditions explained in the Power Dissipation section. Once the power
dissipation equations have been addressed, the required differential gain can be determined from Equation 8.
(8)
Rf / Ri = AVD
From Equation 8, the minimum AVD is 2.83. Since the desired input impedance was 20kΩ, a ratio of 2.83:1 of Rf
to Ri results in an allocation of Ri = 20kΩ for both input resistors and Rf= 60kΩ for both feedback resistors. The
final design step is to address the bandwidth requirement which must be stated as a single -3dB frequency point.
Five times away from a -3dB point is 0.17dB down from passband response which is better than the required
±0.25dB specified.
fH = 20kHz * 5 =100kHz
The high frequency pole is determined by the product of the desired frequency pole, fH , and the differential gain,
AVD .With a AVD = 2.83 and fH = 100kHz, the resulting GBWP = 150kHz which is much smaller than the LM4898
GBWP of 10MHz. This figure displays that if a designer has a need to design an amplifier with a higher
differential gain, the LM4898 can still be used without running into bandwidth limitations.
14
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM4898 LM4898MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com