Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC620I
Description  APC Smart-UPS SC 620VA 230V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC620I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC620I Datasheet HTML 1Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 2Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 3Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 4Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Smart-UPS SC Features & Benefits
SC620I Features
Battery-protected and
surge-only outlets
Reserves power capacity and run time for connected equipment that require
battery back-up while providing surge only protection for less critical
equipment
Manageability
Network manageable Provides remote management of the UPS over the network.
Audible Alarms
Actively let you know if the unit is on battery, if the battery is low or if there
is an overload condition.
Automatic self-test
Periodic battery self-test ensures early detection of a battery that needs to be
replaced.
Battery failure
notification
Provides early-warning fault analysis on batteries enabling timely preventive
maintenance
Serial Connectivity
Provides management of the UPS via a serial port.
LED status indicators Quickly understand unit and power status with visual indicators.
InfraStruXure
Manager Compatible
Enables centralized management via the APC InfraStruXure® Manager.
Economy
Boost and Trim
Automatic Voltage
Regulation (AVR)
Gives higher application availability by correcting low and high voltage
conditions without using the battery.
Adjustable voltage-
transfer points
Maximizes useful battery life by widening the input voltage window or
tightening the output voltage regulation.
Safety-agency
approved
Ensures the product has been tested and approved to work safely with the
connected service provider equipment and within the specified environment.
UL, FCC, CE, C-Tick approvals.
Availability
Dataline Surge
Protection
Provides protection of connected equipment from power surges on the data
lines.
Power conditioning
Protects connected loads from surges, spikes, lightning, and other power
disturbances.
Intelligent Battery
Management
Maximizes battery performance, life, and reliability through intelligent,
precision charging.
Automatic restart of
loads after UPS
shutdown
Automatically starts up the connected equipment upon the return of utility
power.
Cold-start capable
Provides temporary battery power when the utility power is out.
Hot-swappable
batteries
Ensures clean, uninterrupted power to protected equipment while batteries
are being replaced
Resettable circuit
breakers
Enables a quick recovery from overload events.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com