Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC620I
Description  APC Smart-UPS SC 620VA 230V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC620I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC620I Datasheet HTML 1Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 2Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 3Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 4Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Communications & Management
Interface Port(s)
DB-9 RS-232
Control panel
LED status display with On Line : On Battery : Replace Battery and Overload
indicators
Audible Alarm
Alarm when on battery : distinctive low battery alarm : overload continuous tone
alarm
Emergency Power Off (EPO)
N/A
Surge Protection and Filtering
Surge energy rating
320 Joules
Filtering
Full time multi-pole noise filtering : 0.7% IEEE surge let-through : zero clamping
response time : meets UL 1449
Data Line Protection
RJ-45 Modem/Fax/DSL/10-100 Base-T protection
Physical
Maximum Height
168.00 mm
Maximum Width
119.00 mm
Maximum Depth
368.00 mm
Net Weight
12.27 KG
Shipping Weight
13.18 KG
Shipping Height
318.00 mm
Shipping Width
262.00 mm
Shipping Depth
508.00 mm
Color
Grey
Units per Pallet
40.00
Environmental
Operating Environment
0 - 40 °C
Operating Relative Humidity
0%
Operating Elevation
0-3000 meters
Storage Temperature
-15 - 45 °C
Storage Relative Humidity
0%
Storage Elevation
0-15000 meters
Audible noise at 1 meter from
surface of unit
45.00 dBA
Online Thermal Dissipation
70.00 BTU/hr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com