Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC620I
Description  APC Smart-UPS SC 620VA 230V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC620I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC620I Datasheet HTML 1Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 2Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 3Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 4Page - List of Unclassifed Manufacturers SC620I Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
**The time to recharge to 90% of full battery capacity following a discharge to shutdown using a load rated for 1/2 the full
load rating of the UPS.
Conformance
Regulatory Approvals
CE,GOST,VCCI,VDE
Standard Warranty
2 years repair or replace
ROHS/WEEE Compliance
RoHS 7b Exemption



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com