Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120PU-R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LDK120PU-R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120PU-R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LDK120PU-R Datasheet HTML 7Page - STMicroelectronics LDK120PU-R Datasheet HTML 8Page - STMicroelectronics LDK120PU-R Datasheet HTML 9Page - STMicroelectronics LDK120PU-R Datasheet HTML 10Page - STMicroelectronics LDK120PU-R Datasheet HTML 11Page - STMicroelectronics LDK120PU-R Datasheet HTML 12Page - STMicroelectronics LDK120PU-R Datasheet HTML 13Page - STMicroelectronics LDK120PU-R Datasheet HTML 14Page - STMicroelectronics LDK120PU-R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DocID023965 Rev 5
11/24
LDK120
Typical performance characteristics
Figure 18. Quiescent current vs. temp. for fixed
version (IO = 0 mA)
Figure 19. Quiescent current vs. temp. for fixed
version (IO = 200 mA)
Figure 20. Shutdown current vs. temperature
Figure 21. SVR vs. frequency (VO = 2.5 V)
Figure 22. SVR vs. frequency (VO = VADJ)
Figure 23. Output noise vs. frequency
(VO = 3.3 V)
AM16208v1
V
IN = 4 V, IOUT = 0 mA
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
AM16209v1
V
IN = 4 V, IOUT = 200 mA
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
AM16210v1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 4 V , V EN = GND
AM16211v1
0
10
20
30
40
50
60
70
80
100
1000
10000
100000
V OUT = 2.5 V, VIN = VOUT + 0.5 V +/- 100 mV, IOUT = 10 mA
Cbyp =10 nF
No Cbyp
Frequency [Hz]
AM16212v1
VOUT = V
, VIN = VOUT + 0.5 V +/- 100 mV, IOUT = 10 mA
0
10
20
30
40
50
60
70
80
100
1000
10000
100000
Frequency [Hz]
ADJ
AM16213v1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1000
10000
100000
Frequency (Hz)
V
IN = 4.3 V, IOUT = 10 mA
Cbyp = 10 nF
No Cbyp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com