Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120PU-R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDK120PU-R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120PU-R Datasheet(HTML) 4 Page - STMicroelectronics

  LDK120PU-R Datasheet HTML 1Page - STMicroelectronics LDK120PU-R Datasheet HTML 2Page - STMicroelectronics LDK120PU-R Datasheet HTML 3Page - STMicroelectronics LDK120PU-R Datasheet HTML 4Page - STMicroelectronics LDK120PU-R Datasheet HTML 5Page - STMicroelectronics LDK120PU-R Datasheet HTML 6Page - STMicroelectronics LDK120PU-R Datasheet HTML 7Page - STMicroelectronics LDK120PU-R Datasheet HTML 8Page - STMicroelectronics LDK120PU-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin configuration
LDK120
4/24
DocID023965 Rev 5
2
Pin configuration
Figure 2. Pin connection (top view)
Table 1. Pin description (SOT23-5L, SOT323-5L)
Pin
Symbol
Function
SOT23/
SOT323
DFN6
Fixed
Adjustable
D version
1
6
IN
Input voltage of the LDO
2
2
GND
Common ground
3
4
EN
Enable pin logic input: Low = shutdown, High = active
43
BYP(1)/ADJ
/NC
1.
Bypass capacitor for noise reduction on fixed version is optional, if not used the relevant pin must be left
floating with no routing on the board.
Bypass capacitor
Adjustable pin
Internally not connected
5
1
OUT
Output voltage of the LDO
-
5
N/C
Not connected. This pin should be connected to GND
SOT23-5L, SOT323-5L
DFN6 (1.2 x 1.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com