Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120PU-R Datasheet(PDF) 12 Page - STMicroelectronics

Part # LDK120PU-R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120PU-R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LDK120PU-R Datasheet HTML 8Page - STMicroelectronics LDK120PU-R Datasheet HTML 9Page - STMicroelectronics LDK120PU-R Datasheet HTML 10Page - STMicroelectronics LDK120PU-R Datasheet HTML 11Page - STMicroelectronics LDK120PU-R Datasheet HTML 12Page - STMicroelectronics LDK120PU-R Datasheet HTML 13Page - STMicroelectronics LDK120PU-R Datasheet HTML 14Page - STMicroelectronics LDK120PU-R Datasheet HTML 15Page - STMicroelectronics LDK120PU-R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Typical performance characteristics
LDK120
12/24
DocID023965 Rev 5
Figure 24. Output noise vs. frequency
(VO = VADJ)
Figure 25. Stability region vs. COUT (fixed)
VIN = VEN = 4 to 5.5 V, IOUT = 10 mA to 0.2 A, CIN = 1 µF,
TA = 25 °C
AM16214v1
V
IN = 1.8 V, IOUT = 10 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1000
10000
100000
Frequency [Hz]
AM16215v1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
C
OUT [µF] (nominal value)
Stability area
Figure 26. Stability region vs COUT (adjust.)
Figure 27. Line transient (VOUT = VADJ)
VIN = VEN = 1.9 to 5.5 V, IOUT = 10 mA to 0.2 A, CIN = 1 µF,
TA = 25 °C
VOUT = VADJ, VIN = 3.5 V to 4 V, VEN = 2 V, IOUT = 1 mA, NO
CIN, COUT = 1 µF, tr = tf = 5 µs
Figure 28. Line transient (VOUT = 3 V)
Figure 29. Load transient (VOUT = 3 V)
VOUT = 3 V, VIN = 4 V to 4.5 V, VEN = 2 V, IOUT = 1 mA, NO
CIN, COUT = 1 µF, tr = tf = 5 µs
VOUT = 3 V, VIN = VEN = 3.5 V, IOUT = 1 mA to 200 mA, COUT
= 1 µF, tr = tf = 5 µs
AM16216v1
C
OUT [µF] (nominal value)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Stability area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com