Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D040CIVS/NOPB
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADC12D040
www.ti.com
SNAS171D – MAY 2004 – REVISED DECEMBER 2005
CLK
The CLK signal controls the timing of the sampling process. Drive the clock input with a stable, low jitter clock
signal in the range of 100 kHz to 55 MHz with rise and fall times of less than 3ns. The trace carrying the clock
signal should be as short as possible and should not cross any other signal line, analog or digital, not even at
90°.
If the CLK is interrupted, or its frequency too low, the charge on internal capacitors can dissipate to the point
where the accuracy of the output data will degrade. This is what limits the lowest sample
The ADC clock line should be considered to be a transmission line and be series terminated at the source end to
match the source impedance with the characteristic impedance of the clock line. It generally is not necessary to
terminate the far (ADC) end of the clock line, but if a single clock source is driving more than one device (a
condition that is generally not recommended), far end termination may be needed. Far end termination is a series
RC with the resistor being the same as the characteristic impedance of the clock line. The capacitor should have
a minimum value of
where tPD is the propagation time in ns/unit length, "L" is the length of the line and ZO is the characteristic
impedance of the line. The units of tPD and "L" should be consistent with each other. The typical board of FR-4
material has a tPD of about 150 ps/inch, or about 60 ps/cm.
The far end termination should be near but beyond the ADC clock pin as seen from the clock source.
The duty cycle of the clock signal can affect the performance of any A/D Converter. Because achieving a precise
duty cycle is difficult, the ADC12040 is designed to maintain performance over a range of duty cycles. While it is
specified and performance is guaranteed with a 50% clock duty cycle, performance is typically maintained over a
clock duty cycle range of 40% to 60%.
Take care to maintain a constant clock line impedance throughout the length of the line. Refer to Application
Note AN-905 for information on setting characteristic impedance.
OEA, OEB
The OEA and OEB pin, when high, put the output pins of their respective converters into a high impedance state.
When either of these pins is low the corresponding outputs are in the active state. The ADC12D040 will continue
to convert whether these pins are high or low, but the output can not be read while the pin is high.
Since ADC noise increases with increased output capacitance at the digital output pins, do not use the TRI-
STATE outputs of the ADC12L066 to drive a bus. Rather, each output pin should be located close to and drive a
single digital input pin. To further reduce ADC noise, a 100
Ω resistor in series with each ADC digital output pin,
located close to their respective pins, should be added to the circuit.
The PD Pin
The PD pin, when high, holds the ADC12D040 in a power-down mode to conserve power when the converter is
not being used. The power consumption in this state is 75 mW with a 40 MHz clock and 40mW if the clock is
stopped when PD is high. The output data pins are undefined in the power down mode and the data in the
pipeline is corrupted while in the power down mode.
The Power Down Mode Exit Cycle time is determined by the value of the capacitors on pins 4, 5, 6, 12, 13 and
14. These capacitors loose their charge in the Power Down mode and must be recharged by on-chip circuitry
before conversions can be accurate. Smaller capacitor values allow faster recovery from the power down mode,
but can result in a reduction in SNR, SINAD and ENOB performance.
The OF Pin
The output data format is offset binary when the OF pin is at a logic low or 2’s complement when the OF pin is at
a logic high. While the sense of this pin may be changed "on the fly," doing this is not recommended as the
output data could be erroneous for a few clock cycles after this change is made.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com