Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D040CIVS/NOPB
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC12D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ADC12D040
www.ti.com
SNAS171D – MAY 2004 – REVISED DECEMBER 2005
ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Check for Samples: ADC12D040
1
FEATURES
APPLICATIONS
23
•
Binary or 2’s complement output format
•
Ultrasound and Imaging
•
Single supply operation
•
Instrumentation
•
Internal sample-and-hold
•
Communications Receivers
•
Outputs 2.4V to 5V compatible
•
Sonar/Radar
•
Power down mode
•
xDSL
•
Pin-compatible with ADC12DL066
•
Cable Modems
•
Internal/External Reference
DESCRIPTION
The ADC12D040 is a dual, low power monolithic CMOS analog-to-digital converter capable of converting analog
input signals into 12-bit digital words at 40 Megasamples per second (Msps), minimum. This converter uses a
differential, pipeline architecture with digital error correction and an on-chip sample-and-hold circuit to minimize
die size and power consumption while providing excellent dynamic performance. Operating on a single 5V power
supply, the ADC12D040 achieves 10.9 effective bits at 10 MHz input and consumes just 600 mW at 40 Msps,
including the reference current. The Power Down feature reduces power consumption to 75 mW.
The differential inputs provide a full scale differential input swing equal to 2VREF with the possibility of a single-
ended input. Full use of the differential input is recommended for optimum performance. The digital outputs for
the two ADCs are available on separate 12-bit buses with an output data format choice of offset binary or 2’s
complement.
For ease of interface, the digital output driver power pins of the ADC12D040 can be connected to a separate
supply voltage in the range of 2.4V to the digital supply voltage, making the outputs compatible with low voltage
systems. The ADC12D040’s speed, resolution and single supply operation make it well suited for a variety of
applications.
This device is available in the 64-lead TQFP package and will operate over the industrial temperature range of
−40°C to +85°C. An evaluation board is available to facilitate the product evaluation process
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. Key Specifications
VALUE
UNIT
SNR (fIN = 10 MHz)
68
dB (typ)
ENOB (fIN = 10 MHz)
10.9
bits (typ)
SFDR (fIN = 10 MHz)
80
dB (typ)
Data Latency
6 Clock Cycles
Supply Voltage
+5V ±5%
Operating
600
mW (typ)
Power Consumption, Operating
Power Down
75
mW (typ)
Mode
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of National Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12D040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D040CIVS/NOPB TI2-ADC12D040CIVS/NOPB Datasheet
865Kb / 31P
ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
REVISED MARCH 2013
ADC12D040CIVS/NOPB.A TI2-ADC12D040CIVS/NOPB.A Datasheet
865Kb / 31P
ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
REVISED MARCH 2013
More results

Similar Description - ADC12D040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
02 2000
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12D040 NSC-ADC12D040_05 Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com