Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D040CIVS/NOPB
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC12D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ADC12D040
www.ti.com
SNAS171D – MAY 2004 – REVISED DECEMBER 2005
Pin No.
Symbol
Equivalent Circuit
Description
24–29
DA0–DA11
34–39
Digital data output pins that make up the 12-bit conversion results of
their respective converters. DA0 and DB0 are the LSBs, while DA11
and DB11 are the MSBs of the output word. Output levels are
42–47
DB0–DB11
TTL/CMOS compatible.
52–57
(5)
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
9, 18, 19,
quiet +5V source and bypassed to AGND with 0.1 µF monolithic
VA
62, 63
capacitors located within 1 cm of these power pins, and with a 10 µF
capacitor.
3, 8, 10, 17,
AGND
The ground return for the analog supply.
20, 61, 64
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
quiet +5V source as is VA and be bypassed to DGND with a 0.1 µF
33, 48
VD
monolithic capacitor located within 1 cm of the power pin and with a
10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
Positive digital supply pins for the ADC12D040's output drivers.
These pins should be connected to a voltage source of +2.4V to +5V
and bypassed to DR GND with a 0.1 µF monolithic capacitor. If the
30, 51
VDR
supply for these pins are different from the supply used for VA and
VD, they should also be bypassed with a 10 µF tantalum capacitor.
VDR should never exceed the voltage on VD. All bypass capacitors
should be located within 1 cm of the supply pin.
The ground return for the digital supply for the ADC12D040's output
drivers. These pins should be connected to the system digital
23, 31, 40,
DR GND
ground, but not be connected in close proximity to the ADC12D040's
50, 58
DGND or AGND pins. See Section 5 (Layout and Grounding) for
more details.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com