Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6393D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6393D
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6393D Datasheet HTML 3Page - STMicroelectronics L6393D Datasheet HTML 4Page - STMicroelectronics L6393D Datasheet HTML 5Page - STMicroelectronics L6393D Datasheet HTML 6Page - STMicroelectronics L6393D Datasheet HTML 7Page - STMicroelectronics L6393D Datasheet HTML 8Page - STMicroelectronics L6393D Datasheet HTML 9Page - STMicroelectronics L6393D Datasheet HTML 10Page - STMicroelectronics L6393D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L6393
Electrical data
Doc ID 14497 Rev 4
7/19
4.3
Recommended operating conditions
Table 6.
Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min
Max
Unit
VCC
4
Supply voltage
10
20
V
VBO
(1)
1.
VBO = Vboot - Vout
14-12 Floating supply voltage
9.8
20
V
Vout
12
DC Output voltage
- 9 (2)
2.
LVG off. VCC = 10 V. Logic is operational if Vboot > 5 V, refer to AN2785 for more details.
580
V
VCP-
8
Comparator negative input
voltage
VCP+≤ 2.5V
Vcc
(3)
3.
At least one of the comparator's input must be lower than 2.5V to guarantee proper operation.
V
VCP+
9
Comparator positive input
voltage
VCP-≤ 2.5V
Vcc
(3)
V
fsw
Switching frequency
HVG, LVG load CL = 1 nF
800
kHz
TJ
Junction temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com