Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6393D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6393D
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6393D Datasheet HTML 7Page - STMicroelectronics L6393D Datasheet HTML 8Page - STMicroelectronics L6393D Datasheet HTML 9Page - STMicroelectronics L6393D Datasheet HTML 10Page - STMicroelectronics L6393D Datasheet HTML 11Page - STMicroelectronics L6393D Datasheet HTML 12Page - STMicroelectronics L6393D Datasheet HTML 13Page - STMicroelectronics L6393D Datasheet HTML 14Page - STMicroelectronics L6393D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
L6393
Electrical characteristics
Doc ID 14497 Rev 4
11/19
Symbol
Pin
Parameter
Test condition
Min
Typ
Max Unit
IPHASEh
1
PHASE logic “1” input bias current
PHASE = 15 V
20
40
100
µA
IPHASEl
PHASE logic “0” input bias current
PHASE = 0 V
1
IBRAKEh
3
BRAKE logic “1” input bias current
BRAKE = 15 V
20
40
100
IBRAKEl
BRAKE logic “0” input bias current
BRAKE = 0 V
1
ISDh
2
SD logic “1” input bias current
SD = 15 V
10
30
100
ISDl
SD logic “0” input bias current
SD = 0 V
1
1.
VBO = Vboot - Vout
2.
RDSon is tested in the following way:
RDSon = [(VCC - VCBOOT1) - (VCC - VCBOOT2)] / [I1(VCC,VCBOOT1) - I2(VCC,VCBOOT2)] where I1 is pin 14 current when
VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
Table 8.
DC operation electrical characteristics (continued)
Table 9.
Sense comparator
Symbol
Pin
Parameter
Test conditions
Min
Typ
Max
Unit
Vio
8, 9
Input offset voltage
-15
15
mV
Iib
Input bias current
VCP+ = 1 V
1
µA
Vol
6
Open drain low level output voltage
Iod = - 3 mA
0.5
V
td_comp
Comparator delay
Rpu = 100 kΩ to 5 V;
VCP- = 0.5 V
90
130
ns
SR
6
Slew rate
CL = 180 pF, Rpu = 5 kΩ
60
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com