Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6393D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6393D
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6393D Datasheet HTML 11Page - STMicroelectronics L6393D Datasheet HTML 12Page - STMicroelectronics L6393D Datasheet HTML 13Page - STMicroelectronics L6393D Datasheet HTML 14Page - STMicroelectronics L6393D Datasheet HTML 15Page - STMicroelectronics L6393D Datasheet HTML 16Page - STMicroelectronics L6393D Datasheet HTML 17Page - STMicroelectronics L6393D Datasheet HTML 18Page - STMicroelectronics L6393D Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
L6393
Bootstrap driver
Doc ID 14497 Rev 4
15/19
The following equation is useful to compute the drop on the bootstrap DMOS:
where Qgate is the gate charge of the external power MOS, RDSon is the on resistance of the
bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor.
For example: using a power MOS with a total gate charge of 30 nC the drop on the
bootstrap DMOS is about 1 V, if the Tcharge is 5 µs. In fact:
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 7.
Bootstrap driver
V
drop
I
ch
e
arg Rdson
V
drop
Q
gate
T
ch
e
arg
-------------------R
dson
=
→
=
V
drop
30nC
5
μS
--------------- 120
Ω 0.7V
∼
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com