Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
13
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.2
Clearance No.: FTDI#78
3.4.2 FT4232H pins used in a Synchronous or Asynchronous Bit-Bang
Interface
The FT4232H channel A, B, C or channel D can be configured as a bit-bang interface. There are two types
of bit-bang modes: synchronous and asynchronous.
When configured in any bit-bang mode (synchronous or asynchronous), the pins used and the
descriptions of the signals are shown in Table 3.6
Channel
Number
Pin Nos.
Name
Type
Synchronous or Asynchronous Bit-Bang
Configuration Description
A
24,23,22,21
,
19,18,17,16
ADBUS[7:0]
I/O
Channel A, D7 to D0 bidirectional bit-bang data
B
34,33,32,30
,
29,28,27,26
BDBUS[7:0]
I/O
Channel B, D7 to D0 bidirectional bit-bang data
C
46,45,44,43
,
41,40,39,38
CDBUS[7:0]
I/O
Channel C, D7 to D0 bidirectional bit-bang data
D
59,58,57,55
54,53,52,48
DDBUS[7:0]
I/O
Channel D, D7 to D0 bidirectional bit-bang data
Table 3.6 Channel A,B,C and Channel D Synchronous or Asynchronous Bit-Bang Configured Pin
Descriptions
For a functional description of this mode, please refer to section 4.5 Synchronous and Asynchronous Bit-
Bang Interface Mode Description
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com