Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 43Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 44Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 45Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
45
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.2
Clearance No.: FTDI#78
Appendix B - Revision History
Document Title:
Quad High Speed USB to Multipurpose UART/MPSSE IC FT4232H
Document Reference No.:
FT_000060
Clearance No.:
FTDI#78
Product Page:
http://www.ftdichip.com/FTProducts.htm
Document Feedback:
Send Feedback
Revision History
Version draft
Initial Datasheet Created
October 2008
Version Preliminary
Preliminary Datasheet Released
23rd October 2008
Version 1.00
Datasheet Released
4th November 2008
Version 1.10
QFN package update
November 2008
Version 2.00
Various Updates
January 2009
Version 2.01
Changed description of bit-bang mode
February 2009
Version 2.02
Corrected QFN tray numbers from 160 to 260 per tray
March 2009
Version 2.03
Corrected signal names in Fig 2.1
19th May 2009
Added reference to AN_109, AN_110, AN_111 and AN_113.
Corrected default of RI#/ TXDEN in table 3.1
Version 2.04
Added paragraph on latency timer to section 4.1
3rd June 2009
Version 2.05
Corrected Figures 6.2, 6.3 and 6.4 – missing regulators and better way 17th June 2009
of holding self powered designs in reset if not connected to USB.
Corrected Max DC inputs on “DC Input Voltage –
“All Other Inputs” pins from VCORE+0.5V to VCCIO+0.5V
Version 2.06
Added explanation of MPSSE Adaptive clocking (4.4.1).
21st Sept 2009
Corrected 12MHz crystal specification
Version 2.07
Corrected section 4.2- EEPROM description
18th December 2009
Version 2.08
Added TID number (Section 1.3)
24th May 2010
Added ESD specifications
Version 2.09
Added USB certified Logo in section 1.3
2nd Sep 2010
Clarified unsupported baud rates of 7,9,10 and 11 Mbaud.
Section 3.4.1, added clarifications about Wake up
Replaced 74HCT595 with 74HC595 in section 6.4
Edited Figure 4.1, removed TXLED and RXLED reference
Version 2.10
Edited section 4.3.2, 4.3.3, figure 4.2 and 4.3.
17th Nov 2010
Version 2.11
Updated installation guides, application notes
09th Jan 2012
and technical notes Links
Version 2.2
Updated figure 4.1
11th Jan 2012
Added feedback links



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com