Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT4232H Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
4
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.2
Clearance No.: FTDI#78
2 FT4232H Block Diagram
120 MHz
Dual Port TX
Buffer
2K Bytes
Dual Port RX
Buffer
2K Bytes
Baud Rate
Generator
Multi-
purpose
UART/bit-
bang
Controller
ADBUS0
ADBUS1
ADBUS2
ADBUS3
ADBUS4
ADBUS5
ADBUS6
ADBUS7
120 MHz
Dual Port TX
Buffer
2K Bytes
Dual Port RX
Buffer
2K Bytes
Baud Rate
Generator
Multi-
purpose
UART/bit-
bang
Controller
BDBUS0
BDBUS1
BDBUS2
BDBUS3
BDBUS4
BDBUS5
BDBUS6
BDBUS7
120 MHz
Dual Port TX
Buffer
2K Bytes
Dual Port RX
Buffer
2K Bytes
Baud Rate
Generator
Multi-
purpose
UART/bit-
bang
Controller
CDBUS0
CDBUS1
CDBUS2
CDBUS3
CDBUS4
CDBUS5
CDBUS6
CDBUS7
120 MHz
Dual Port TX
Buffer
2K Bytes
Dual Port RX
Buffer
2K Bytes
Baud Rate
Generator
Multi-
purpose
UART/bit-
bang
Controller
DDBUS0
DDBUS1
DDBUS2
DDBUS3
DDBUS4
DDBUS5
DDBUS6
DDBUS7
120 MHz
120 MHz
120 MHz
120 MHz
USB Protocol Engine
And FIFO Control
UTMI PHY
USBDM
USBDP
RREF
RESET
Generator
RESET#
TEST
OSCI
OSCO
1.8 Volt
LDO
Regulator
VCC 3V3 IN
V1.8OUT
EEPROM
Interface
EECS
EESK
EEDATA
PWREN#
SUSPEND#
MPSSE/
MPSSE/
Figure 2.1 FT4232H Block Diagram
For a description of each function please refer to Section 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com