Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 17Page - Texas Instruments TMS470MF06607 Datasheet HTML 18Page - Texas Instruments TMS470MF06607 Datasheet HTML 19Page - Texas Instruments TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments TMS470MF06607 Datasheet HTML 23Page - Texas Instruments TMS470MF06607 Datasheet HTML 24Page - Texas Instruments TMS470MF06607 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 3-4. Interrupt Request Assignments (continued)
DEFAULT VIM
MODULES
INTERRUPT SOURCES
INTERRUPT REQUEST
MibSPIP2
MibSPIP2 level 0 interrupt
27
MibSPIP2
MibSPIP2 level 1 interrupt
28
DCAN2
DCAN2 level 0 interrupt
29
DCAN2
DCAN2 level 1 interrupt
30
ADC
ADC magnitude threshold interrupt
31
Reserved
Reserved
32
Reserved
Reserved
33
DCAN1
DCAN1 IF3 interrupt
34
DCAN2
DCAN2 IF3 interrupt
35
Reserved
Reserved
36-47
3.5
MibADC
The multi-buffered analog-to-digital converter (MibADC) accepts an analog signal and converts the signal
to a 10-bit digital value.
The TMS470M MibADC module stores its digital results in one of three FIFO buffers. There is one FIFO
buffer for each conversion group [event, group1 (G1), and group2 (G2)], and the total MibADC FIFO on
the device is divided amongst these three regions. The size of the individual group buffers are software
programmable. MibADC buffers can be serviced by interrupts.
3.5.1
MIBADC Event Triggers
All three conversion groups can be configured for event-triggered operation, providing up to three
event-triggered groups.
The trigger source and polarity can be selected individually for group 1, group 2 and the event group from
the options identified in Table 3-5.
Copyright
© 2012, Texas Instruments Incorporated
Device Configuration
21
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com