Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 3 Page - Texas Instruments

  TMS470MF06607 Datasheet HTML 1Page - Texas Instruments TMS470MF06607 Datasheet HTML 2Page - Texas Instruments TMS470MF06607 Datasheet HTML 3Page - Texas Instruments TMS470MF06607 Datasheet HTML 4Page - Texas Instruments TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
1.2
Description
The TMS470MF06607 device is a member of the Texas Instruments TMS470M family of Automotive
Grade 16/32-bit reduced instruction set computer (RISC) microcontrollers. The TMS470M microcontrollers
offer high performance utilizing the high efficiency ARM Cortex
™-M3 16/32-bit RISC central processing
unit (CPU), resulting in a high instruction throughput while maintaining greater code efficiency.
High-end embedded control applications demand more performance from their controllers while
maintaining low costs. The TMS470M microcontroller architecture offers solutions to these performance
and cost demands while maintaining low power consumption.
The TMS470MF06607 device contains the following:
•
16/32-Bit RISC CPU Core
•
640K-Byte Total Flash with SECDED ECC
– 512K-Byte Program Flash
– 128K- Byte Flash for additional program space or EEPROM Emulation
•
64K-Byte Static RAM (SRAM) with SECDED ECC
•
Real-Time Interrupt Timer (RTI)
•
Vectored Interrupt Module (VIM)
•
Hardware built-in self-test (BIST) checkers for SRAM (MBIST) and CPU (LBIST)
•
64-bit Cyclic Redundancy Checker (CRC)
•
Frequency-Modulated Zero-Pin Phase-Locked Loop (FMzPLL)-Based Clock Module With Prescaler
•
Two Multi-buffered Serial Peripheral Interfaces (MibSPI)
•
Two UARTs (SCI) with Local Interconnect Network Interfaces (LIN)
•
Two CAN Controller (DCAN)
•
High-End Timer (HET)
•
External Clock Prescale (ECP) Module
•
One 16-Channel 10-Bit Multi-Buffered ADC (MibADC)
•
Error Signaling Module (ESM)
•
Four Dedicated General-Purpose I/O (GIO) Pins and 47 (2 of them are muxed with JTAG pins)
Additional Peripheral I/Os (100-Pin Package)
The TMS470M memory includes general-purpose SRAM supporting single-cycle read/write accesses in
byte, half-word, and word modes. The SRAM on the TMS470M devices can be protected by means of
ECC. This feature utilizes a single error correction and double error detection circuit (SECDED circuit) to
detect and optionally correct single bit errors as well as detect all dual bit and some multi-bit errors. This is
achieved by maintaining an 8-bit ECC checksum/code for each 64-bit double-word of memory space in a
separate ECC RAM memory space.
The flash memory on this device is a nonvolatile, electrically erasable and programmable memory. It is
implemented with a 144-bit wide data word (128-bit without ECC) and a 64-bit wide flash module interface.
The flash operates with a system clock frequency of up to 28 MHz. Pipeline mode, which allows linear
prefetching of flash data, enables a system clock of up to 80 MHz.
The enhanced real-time interrupt (RTI) module on the TMS470M devices has the option to be driven by
the oscillator clock. The digital watchdog (DWD) is a 25-bit resetable decrementing counter that provides a
system reset when the watchdog counter expires.
The TMS470M devices have six communication interfaces: two LIN/SCIs, two DCANs and two MibSPIs.
The LIN is the Local Interconnect Network standard and also supports an SCI mode. SCI can be used in a
full-duplex, serial I/O interface intended for asynchronous communication between the CPU and other
peripherals using the standard non-return-to-zero (NRZ) format. The DCAN uses a serial, multimaster
communication protocol that efficiently supports distributed real-time control with robust communication
Copyright
© 2012, Texas Instruments Incorporated
Features
3
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com