Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments TMS470MF06607 Datasheet HTML 45Page - Texas Instruments TMS470MF06607 Datasheet HTML 46Page - Texas Instruments TMS470MF06607 Datasheet HTML 47Page - Texas Instruments TMS470MF06607 Datasheet HTML 48Page - Texas Instruments TMS470MF06607 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
t
r
t
f
V
CCIO
0
80%
20%
20%
80%
Output
t
pw
V
CC
0
80%
20%
20%
80%
Input
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5.2.6
Output Timings
Table 5-13. Switching Characteristics for Output Timings Versus Load Capacitance (CL)
(1)
(see Figure 5-11)
PARAMETER
MAX
UNIT
CL = 15 pF
4
CL = 50 pF
8
tr
Adaptive impedance 4 mA pins
ns
CL = 100 pF
15
CL = 150 pF
21
CL = 15 pF
5
CL = 50 pF
8
tf
Adaptive impedance 4 mA pins
ns
CL = 100 pF
12
CL = 150 pF
17
(1)
Peripheral output timings given within this document are measured in either standard buffer or impedance control mode.
Figure 5-11. CMOS-Level Outputs
5.2.7
Input Timings
Table 5-14. Timing Requirements for Input Timings(1)
(see Figure 5-12)
MIN
MAX
UNIT
tpw
Input minimum pulse width
tc(VCLK) + 10
ns
(1)
tc(VCLK) = peripheral VBUS clock cycle time = 1 / f(VCLK).
Figure 5-12. CMOS-Level Inputs
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
45
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com