Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5331M Datasheet(PDF) 12 Page - Fuji Electric

Part # FA5331M
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331M Datasheet(HTML) 12 Page - Fuji Electric

Back Button FA5331M Datasheet HTML 5Page - Fuji Electric FA5331M Datasheet HTML 6Page - Fuji Electric FA5331M Datasheet HTML 7Page - Fuji Electric FA5331M Datasheet HTML 8Page - Fuji Electric FA5331M Datasheet HTML 9Page - Fuji Electric FA5331M Datasheet HTML 10Page - Fuji Electric FA5331M Datasheet HTML 11Page - Fuji Electric FA5331M Datasheet HTML 12Page - Fuji Electric FA5331M Datasheet HTML 13Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
FA5331P(M)/FA5332P(M)
Overcurrent limiting threshold voltage vs.
ambient temperature (Ta)
FA5331
FA5332
OVP terminal threshold voltage vs.
ambient temperature (Ta)
FA5331
FA5332
Supply current (ICC) vs. supply voltage (VCC)
Supply current (ICC) vs. supply voltage (VCC)
Normal operation
OFF mode
–1.13
–1.12
–1.11
–1.1
–1.09
–1.08
–40
60
0
–20
20
40
80
100
Vcc=18V
Ta [˚C]
1.61
1.62
1.63
1.64
1.65
1.66
1.67
–40
60
0
–20
20
40
80
100
Vcc=18V
Ta [˚C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com