Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5331M Datasheet(PDF) 4 Page - Fuji Electric

Part # FA5331M
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331M Datasheet(HTML) 4 Page - Fuji Electric

  FA5331M Datasheet HTML 1Page - Fuji Electric FA5331M Datasheet HTML 2Page - Fuji Electric FA5331M Datasheet HTML 3Page - Fuji Electric FA5331M Datasheet HTML 4Page - Fuji Electric FA5331M Datasheet HTML 5Page - Fuji Electric FA5331M Datasheet HTML 6Page - Fuji Electric FA5331M Datasheet HTML 7Page - Fuji Electric FA5331M Datasheet HTML 8Page - Fuji Electric FA5331M Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FA5331P(M)/FA5332P(M)
Overvoltage protection circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage
VTHOVP
OVP terminal
1.56
1.64
1.72
1.617 1.650 1.683 V
voltage
Input threshold voltage/reference voltage(VTHOVP/ Vr)
–
–
–
1.044 1.065 1.086 –
Delay time
TPDOVP
200
200
ns
Output ON/OFF circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Threshold voltage
VTHONOFF Ta=–30
°C
–
–
–
3.7
4.3
V
Ta=+25
°C
2.0
3.5
2.8
3.4
V
Ta=+85
°C
–
–
–
1.5
2.8
V
Input current at ON
ITHON
ON/OFF terminal
60
120
–
–
µA
voltage=3.5V
ON/OFF terminal
–
–
10
40
µA
voltage=
VTHONOFF
Undervoltage lockout circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
OFF to ON threshold voltage
VTHUON
14.3
15.3
16.3
14.6
15.3
16.0
V
ON to OFF threshold voltage
ITHUOFF
7.6
8.3
9.0
7.6
8.3
9.0
V
Voltage hysteresis
VUHYS
7.0
7.0
V
Overall device
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Standby current
ICCST
VCC=14V
90
140
90
140
µA
Operating-state supply current
ICCOP
10
15
10
15
mA
OFF-state supply current
ICCOFF
Pin 12=0V
1.1
1.8
1.1
1.8
mA
Overcurrent limiting circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage
VTHOCP
IDET terminal
–1.25 –1.15 –1.05 –1.20 –1.10 –1.00 V
voltage
Delay time
TPDOCP
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com