Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5331M Datasheet(PDF) 5 Page - Fuji Electric

Part # FA5331M
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331M Datasheet(HTML) 5 Page - Fuji Electric

  FA5331M Datasheet HTML 1Page - Fuji Electric FA5331M Datasheet HTML 2Page - Fuji Electric FA5331M Datasheet HTML 3Page - Fuji Electric FA5331M Datasheet HTML 4Page - Fuji Electric FA5331M Datasheet HTML 5Page - Fuji Electric FA5331M Datasheet HTML 6Page - Fuji Electric FA5331M Datasheet HTML 7Page - Fuji Electric FA5331M Datasheet HTML 8Page - Fuji Electric FA5331M Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FA5331P(M)/FA5332P(M)
s Description of each circuit
1. Oscillator section
This section outputs sawtooth waves oscillating between 0.15
and 3.55V using the capacitor charge and discharge
characteristics. Figure 1 shows how to connect the required
external components to this circuit. The oscillation frequency
is determined by the CT and RT values. The relationship
between the CT and RT values is shown in characteristic
curves. Pin 14 (SYNC) is a synchronizing input terminal
whose threshold voltage is about 1V. As Fig. 1 shows, input
rectangular synchronizing signal waves to pin 14 through an
RC circuit. Set the free-running frequency about 10% lower
than the synchronizing signal frequency. Connect a clamp
diode (D1) to prevent an unwanted current inside the IC.
2. Voltage error amplifier and overvoltage limiting circuit
The voltage error amplifier forms a voltage feedback loop to
keep the output voltage stable. The positive input terminal of
this amplifier is connected to the reference voltage (Vr). Fig. 2
shows how to connect the required external components to
this circuit.
The output voltage (Vo) is as follows:
............................................................................... (1)
FA5331: Vr=1.54V(typ.)
FA5332: Vr=1.55V(typ.)
Connect a resistor and a capacitor in parallel across error
amplifier output pin 5 and error amplifier negative input pin
6 to set the voltage gain (Av).
The Av value is as follows:
Av =
R4
R3 ( 1 + j
ω C1 • R4 )
............................... (2)
Error amplifier cutoff frequency (fc) is as follows:
fc =
1
2
π C1 • R4
................................................. (3)
If 100 or 120Hz ripples appear at the error amplifier output, the
active filter does not operate stably. To ensure stable
operation, set the fc value to about 1Hz.
An overvoltage detection comparator (C1) is built in to limit the
voltage if the output voltage exceeds the design value. The
reference input voltage (Vp) is as follows:
Vp =
α • Vr ............................................................. (4)
α =1.065
The connections shown in Fig. 2 limit the output voltage to
α
times the design value.
15
R
OSC
CT
RT
CT
D1
Csy
SYNC
13 REF
14
Fig. 1 Oscillator
6
R2
R1
Vo
MUL
5
R3
C1
Vr
R4
_
+
A1
F.F
Vp
4
C1
ER.AMP
OVP
Fig. 2 Voltage error amplifier and overvoltage limiting circuit
Vo =
R1 + R2
R1
• Vr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com