Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-3070-RZ Datasheet(PDF) 5 Page - AIMTEC

Part # AMLDL-3070-RZ
Description  LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3070-RZ Datasheet(HTML) 5 Page - AIMTEC

  AMLDL-3070-RZ Datasheet HTML 1Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 2Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 3Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 4Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 5Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 6Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 7Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 8Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Series AMLDL-RZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
5 of 17
North America only
Output Current Adjustment by PWM Control:
Driving VADJ Directly
A Pulse Width Modulated (PWM) signal with a duty cycle of DPWM can be applied directly to VADJ pin as shown below.
Driving VADJ Via Open Collector Transistor
The VADJ can also be driven via an open collector transistor as shown below.
The diode and resistor serve to suppress any possible high amplitude negative voltage spikes to the VADJ input resulting
from the collector to emitter capacitance of the transistor. Any negative voltage spikes will cause errors in output current
and/or unstable driver operation.
Driving the VADJ from a Microcontroller
The VADJ can be driven from an open drain output of a microcontroller as shown below. The diode and resistor serve to
suppress any possible high amplitude negative voltage spikes to the VADJ input resulting from the drain to source
capacitance of the FET. Any negative voltage spikes will cause errors in output current and/or unstable driver operation.
AMLDL-RZ
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
PWM
0V
1.25V
GND
Last LED
AMLDL-RZ
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
PWM
0V
GND
1
Last LED
1.25V
10K
AMLDL-RZ
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
MCU
GND
1
10K
Last LED
The output current is given by:
x DPWM
Iout
[for 0.01<DPWM<1]
Ioutnom =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com