Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-3070-RZ Datasheet(PDF) 6 Page - AIMTEC

Part # AMLDL-3070-RZ
Description  LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3070-RZ Datasheet(HTML) 6 Page - AIMTEC

Back Button AMLDL-3070-RZ Datasheet HTML 2Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 3Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 4Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 5Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 6Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 7Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 8Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 9Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Series AMLDL-RZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
6 of 17
North America only
Output Current Adjustment by PWM Control (Dimming):
A PWM signal must have a frequency of greater than 100Hz to prevent any visible flicker.
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
10uF
35V
10uF
16V
AMSR-7805-Z
+Vin
-Vin
1
1N4148
+
-
VR
100K
470
+
-
+
-
1
3.3K
1N4148
2SD11782K
210
100nF
100nF
100nF
100nF
PMW
AMLDL-RZ
Pin 2 (VADJ)
AMLDL-RZ
Pin 1
Output Current Adjustment by PWM Control (Flash):
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
100nF
10uF
16V
AMSR-7805-Z
+Vin
-
Vin
+
-
+
-
+
-
1
3.3K
1N4148
2SD11782K
PMW
AMLDL-RZ
Pin2 (VADJ)
AMLDL-RZ
Pin 1
VR
100K
2K
210
10uF
35V
100nF
100nF
10uF
16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com