Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDL-3070-RZ Datasheet(PDF) 17 Page - AIMTEC

Part # AMLDL-3070-RZ
Description  LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3070-RZ Datasheet(HTML) 17 Page - AIMTEC

Back Button AMLDL-3070-RZ Datasheet HTML 9Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 10Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 11Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 12Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 13Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 14Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 15Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 16Page - AIMTEC AMLDL-3070-RZ Datasheet HTML 17Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Series AMLDL-RZ
Up to 700mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
17 of 17
North America only
AMLDL-3070Z
Output Current Vs VADJ
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may
vary based on the date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature
of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical
analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and
may not be available for release.
6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control
systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with
Aimtec’s standard Terms of Sale available at www.aimtec.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com