Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2853
Description  3A 550 kHz Synchronous SIMPLE SWITCHER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2853 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2853_14 Datasheet HTML 5Page - Texas Instruments LM2853_14 Datasheet HTML 6Page - Texas Instruments LM2853_14 Datasheet HTML 7Page - Texas Instruments LM2853_14 Datasheet HTML 8Page - Texas Instruments LM2853_14 Datasheet HTML 9Page - Texas Instruments LM2853_14 Datasheet HTML 10Page - Texas Instruments LM2853_14 Datasheet HTML 11Page - Texas Instruments LM2853_14 Datasheet HTML 12Page - Texas Instruments LM2853_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Applications Information (Continued)
Since it is undesirable for the power supply to start up in
current limit, a soft-start capacitor must be chosen to force
the LM2853 to start up in a more controlled fashion based on
the charging of the soft-start capacitance. In this example,
supposea3ms start time is desired. Three time constants
are required for charging the soft-start capacitor to 95% of
the final reference voltage. So in this case RC = 1 ms. The
DAC resistor, R, is 450 k
Ω so C can be calculated to be 2.2
nF. A 2.2 nF ceramic capacitor can be chosen to yield
approximatelya3ms start-up time.
SOFT-START CAPACITOR (C
SS) AND FAULT
CONDITIONS
Various fault conditions such as short circuit and UVLO of
the LM2853 activate internal circuitry designed to control the
voltage on the soft-start capacitor. For example, during a
short circuit current limit event, the output voltage typically
falls to a low voltage. During this time, the soft-start voltage
is forced to track the output so that once the short is re-
moved, the LM2853 can restart gracefully from whatever
voltage the output reached during the short circuit event. The
range of soft-start capacitors is therefore restricted to values
1nFto50nF.
COMPENSATION
The LM2853 provides a highly integrated solution to power
supply design. The compensation of the LM2853, which is
type-three, is included on-chip. The benefit of integrated
compensation is straight-forward, simple power supply de-
sign. Since the output filter capacitor and inductor values
impact the compensation of the control loop, the range of L
O,
C
O and CESR values is restricted in order to ensure stability.
OUTPUT FILTER VALUES
Table 1 details the recommended inductor and capacitor
ranges for the LM2853 that are suggested for various typical
output voltages. Values slightly different than those recom-
mended may be used, however the phase margin of the
power supply may be degraded. For best performance when
output voltage ripple is a concern, ESR values near the
minimum of the recommended range should be paired with
capacitance values near the maximum. If a minimum output
voltage ripple solution from a 5V input voltage is desired, a
6.8 µH inductor can be paired with a 220 µF (50 m
Ω)
capacitor without degraded phase margin.
TABLE 1. Recommended L
O and CO Values
V
OUT (V)
VIN (V)
L
O (µH)
C
O (µF)
C
ESR (m
Ω)
Min
Max
Min
Max
Min
Max
0.8
5
4.7
6.8
120
220
70
100
0.8
3.3
4.7
4.7
150
220
50
100
1
5
4.7
6.8
120
220
70
100
1
3.3
4.7
4.7
150
220
50
100
1.2
5
4.7
6.8
120
220
70
100
1.2
3.3
4.7
4.7
120
220
60
100
1.5
5
4.7
6.8
120
220
70
100
1.5
3.3
4.7
4.7
120
220
60
100
1.8
5
4.7
6.8
120
220
70
120
1.8
3.3
4.7
4.7
100
220
70
120
2.5
5
4.7
6.8
120
220
70
150
2.5
3.3
4.7
4.7
100
220
80
150
3.0
5
4.7
6.8
120
220
70
150
3.0
3.3
4.7
4.7
100
220
80
150
3.3
5
4.7
6.8
120
220
70
150
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com