Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM2853
Description  3A 550 kHz Synchronous SIMPLE SWITCHER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2853 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2853_14 Datasheet HTML 12Page - Texas Instruments LM2853_14 Datasheet HTML 13Page - Texas Instruments LM2853_14 Datasheet HTML 14Page - Texas Instruments LM2853_14 Datasheet HTML 15Page - Texas Instruments LM2853_14 Datasheet HTML 16Page - Texas Instruments LM2853_14 Datasheet HTML 17Page - Texas Instruments LM2853_14 Datasheet HTML 18Page - Texas Instruments LM2853_14 Datasheet HTML 19Page - Texas Instruments LM2853_14 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2853MHX-0.8
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-0.8/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.0
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.0/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.2
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.2/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.5
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.5/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.8
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-1.8/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-2.5
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-2.5/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-3.0
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-3.0/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-3.3
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LM2853MHX-3.3/NOPB
HTSSOP
PWP
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Nov-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com