Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2853
Description  3A 550 kHz Synchronous SIMPLE SWITCHER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2853 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2853_14 Datasheet HTML 8Page - Texas Instruments LM2853_14 Datasheet HTML 9Page - Texas Instruments LM2853_14 Datasheet HTML 10Page - Texas Instruments LM2853_14 Datasheet HTML 11Page - Texas Instruments LM2853_14 Datasheet HTML 12Page - Texas Instruments LM2853_14 Datasheet HTML 13Page - Texas Instruments LM2853_14 Datasheet HTML 14Page - Texas Instruments LM2853_14 Datasheet HTML 15Page - Texas Instruments LM2853_14 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM2853 Example Circuit Schematic (Continued)
Bill of Materials for 5V to 3.3V Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U
1
LM2853MH-3.3
3A Buck
ETSSOP-14
3.3V
1
NSC
C
IN
GRM31CR60J476ME19
Capacitor
1206
47 µF
1
Murata
C
BYP
GRM21BR71C105KA01
Capacitor
0805
1 µF
1
Murata
C
SS
VJ0805Y222KXXA
Capacitor
0603
2.2 nF
1
Vishay-Vitramon
L
O
DO3316P-682
Inductor
DO3316P
6.8 µH
1
Coilcraft
C
O
594D127X06R3C2T
Capacitor
C Case
120µF
(85m
Ω)
1
Vishay-Sprague
Bill of Materials for 3.3V to 1.2V Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U
1
LM2853MH-1.2
3A Buck
ETSSOP-14
1.2V
1
NSC
C
IN
GRM31CR60J476ME19
Capacitor
1206
47 µF
1
Murata
C
BYP
GRM21BR71C105KA01
Capacitor
0805
1 µF
1
Murata
CSS
VJ0805Y222KXXA
Capacitor
0603
2.2 nF
1
Vishay-Vitramon
L
O
DO3316P-472
Inductor
DO3316P
4.7 µH
1
Coilcraft
C
O
NOSD157M006R0070
Capacitor
D Case
150 µF
(70 m
Ω)
1AVX
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com