Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3151 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3151
Description  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 15Page - Texas Instruments LM3151 Datasheet HTML 16Page - Texas Instruments LM3151 Datasheet HTML 17Page - Texas Instruments LM3151 Datasheet HTML 18Page - Texas Instruments LM3151 Datasheet HTML 19Page - Texas Instruments LM3151 Datasheet HTML 20Page - Texas Instruments LM3151 Datasheet HTML 21Page - Texas Instruments LM3151 Datasheet HTML 22Page - Texas Instruments LM3151 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
Bill of Materials
Designator
Value
Parameters
Manufacturer
Part Number
CBST
0.47 µF
Ceramic, X7R, 16V, 10%
TDK
C2012X7R1C474K
CBYP
0.1 µF
Ceramic, X7R, 50V, 10%
TDK
C2012X7R1H104K
CEN
1000 pF
Ceramic, X7R, 50V, 10%
TDK
C1608X7R1H102K
CIN1
100 µF
AL, EEV-FK, 63V, 20%
Panasonic
EEV-FK1J101P
CIN2, CIN3
10 µF
Ceramic, X5R, 35V, 10%
Taiyo Yuden
GMK325BJ106KN-T
COUT1, COUT2
150 µF
AL, UE, 6.3V, 20%
Panasonic
EEF-UE0J151R
CSS
0.068 µF
Ceramic, 16V, 10%
0603YC683KAT2A
CVCC
1 µF
Ceramic, X7R, 16V, 10%
Kemet
C0805C105K4RACTU
L1
1.65 µH
Shielded Drum Core, A, 2.53 m
Ω
Coilcraft Inc.
HA3778-AL
M1, M2
30V
8 nC, RDS(ON) @4.5V = 10 mΩ
Renesas
RJK0305DB
U1
Texas Instruments
LM3152MH-3.3
PCB Layout Considerations
It is good practice to layout the power components first, such as the input and output capacitors, FETs, and
inductor. The first priority is to make the loop between the input capacitors and the source of the low side FET to
be very small and tie the grounds of each directly to each other and then to the ground plane through vias. As
shown in the figure below, when the input cap ground is tied directly to the source of the low side FET, parasitic
inductance in the power path, along with noise coupled into the ground plane, are reduced.
The switch node is the next item of importance. The switch node should be made only as large as required to
handle the load current. There are fast voltage transitions occurring in the switch node at a high frequency, and if
the switch node is made too large it may act as an antennae and couple switching noise into other parts of the
circuit. For high power designs it is recommended to use a multi-layer board. The FET’s are going to be the
largest heat generating devices in the design, and as such, care should be taken to remove the heat. On multi
layer boards using exposed-pad packages for the FET’s such as the power-pak SO-8, vias should be used under
the FETs to the same plane on the interior layers to help dissipate the heat and cool the FETs. For the typical
single FET Power-Pak type FETs the high-side FET DAP is Vin. The Vin plane should be copied to the other
interior layers to the bottom layer for maximum heat dissipation. Likewise, the DAP of the low-side FET is
connected to the SW node and it’s shape should be duplicated to the interior layers down to the bottom layer for
maximum heat dissipation.
See the Evaluation Board application note AN-1900 (literature number (SNVA371) for an example of a typical
multilayer board layout, and the Demonstration Board Reference Design App Note for a typical 2 layer board
layout. Each design allows for single sided component mounting.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com