Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3151 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3151
Description  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 11Page - Texas Instruments LM3151 Datasheet HTML 12Page - Texas Instruments LM3151 Datasheet HTML 13Page - Texas Instruments LM3151 Datasheet HTML 14Page - Texas Instruments LM3151 Datasheet HTML 15Page - Texas Instruments LM3151 Datasheet HTML 16Page - Texas Instruments LM3151 Datasheet HTML 17Page - Texas Instruments LM3151 Datasheet HTML 18Page - Texas Instruments LM3151 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
CSS =
ISS x tSS
Vref
CIN =
Iomax x D x (1-D)
fs x 'VIN-MAX
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
Figure 14. Typical MOSFET Gate Charge Curve
See following design example for estimated power dissipation calculation.
6. Calculate Input Capacitance
The main parameters for the input capacitor are the voltage rating, which must be greater than or equal to the
maximum DC input voltage of the power supply, and its rms current rating. The maximum rms current is
approximately 50% of the maximum load current.
where
•
ΔVIN-MAX is the maximum allowable input ripple voltage
A good starting point for the input ripple voltage is 5% of VIN.
When using low ESR ceramic capacitors on the input of the LM3151/2/3 a resonant circuit can be formed with
the impedance of the input power supply and parasitic impedance of long leads/PCB traces to the LM3151/2/3
input capacitors. It is recommended to use a damping capacitor under these circumstances, such as aluminum
electrolytic that will prevent ringing on the input. The damping capacitor should be chosen to be approximately 5
times greater than the parallel ceramic capacitors combination. The total input capacitance should be greater
than 10 times the input inductance of the power supply leads/pcb trace. The damping capacitor should also be
chosen to handle its share of the rms input current which is shared proportionately with the parallel impedance of
the ceramic capacitors and aluminum electrolytic at the LM3151/2/3 switching frequency.
The CBYP capacitor should be placed directly at the VIN pin. The recommended value is 0.1 µF.
7. Calculate Soft-Start Capacitor
where
•
tSS is the soft-start time in seconds
•
Vref = 0.6V
8. CVCC, and CBST and CEN
CVCC should be placed directly at the VCC pin with a recommended value of 1 µF to 2.2 µF. For input voltage
ranges that include voltages below 8V a 1 µF capacitor must be used for CVCC. CBST creates a voltage used to
drive the gate of the high-side FET. It is charged during the SW off-time. The recommended value for CBST is
0.47 µF. The EN bypass capacitor, CEN, recommended value is 1000 pF when driving the EN pin from open
drain type of signal.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com