Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3151 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3151
Description  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 10Page - Texas Instruments LM3151 Datasheet HTML 11Page - Texas Instruments LM3151 Datasheet HTML 12Page - Texas Instruments LM3151 Datasheet HTML 13Page - Texas Instruments LM3151 Datasheet HTML 14Page - Texas Instruments LM3151 Datasheet HTML 15Page - Texas Instruments LM3151 Datasheet HTML 16Page - Texas Instruments LM3151 Datasheet HTML 17Page - Texas Instruments LM3151 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
VCL (Tj) = VCL x [1 + 3.3 x 10
-3
x (Tj - 27)]
ICL (Tj) =
VCL (Tj)
RDS(ON)max
LM3151, LM3152, LM3153
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
www.ti.com
Table 1. Inductor Selection Table (continued)
Inductor Designator
Inductance (µH)
Current (A)
Part Name
Vendor
L48
0.33
15-
4. Determine Output Capacitance
Typical hysteretic COT converters similar to the LM3151/2/3 require a certain amount of ripple that is generated
across the ESR of the output capacitor and fed back to the error comparator. Emulated Ripple Mode control built
into the LM3151/2/3 will recreate a similar ripple signal and thus the requirement for output capacitor ESR will
decrease compared to a typical Hysteretic COT converter. The emulated ripple is generated by sensing the
voltage signal across the low-side FET and is then compared to the FB voltage at the error comparator input to
determine when to initiate the next on-time period.
COmin = 70 / (fs
2 x L)
(1)
The maximum ESR allowed to prevent over-voltage protection during normal operation is:
ESRmax = (80 mV x L) / ETmin
ETmin is calculated using VIN-MIN
The minimum ESR must meet both of the following criteria:
ESRmin ≥ (15 mV x L) / ETmax
ESRmin ≥ [ETmax / (VIN - VOUT)]/ CO
ETmax is calculated using VIN-MAX.
Any additional parallel capacitors should be chosen so that their effective impedance will not negatively attenuate
the output ripple voltage.
5. MOSFET Selection
The high-side and low-side FETs must have a drain to source (VDS) rating of at least 1.2 x VIN.
The gate drive current from VCC must not exceed the minimum current limit of VCC. The drive current from VCC
can be calculated with:
IVCCdrive = Qgtotal x fS
where
•
Qgtotal is the combined total gate charge of the high-side and low-side FETs
Use the following equations to calculate the current limit, ICL, as shown in Figure 12.
where
•
Tj is the junction temperature of the LM3151/2/3
The plateau voltage of the FET VGS vs Qg curve, as shown in Figure 14 must be less than VCC - 750 mV.
14
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com