Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPTC Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # LPTC
Description  Ultra-Low PDL Fused Tap Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LPTC Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  LPTC Datasheet HTML 1Page - OPLINK Communications Inc. LPTC Datasheet HTML 2Page - OPLINK Communications Inc. LPTC Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S0093 - R04. (web) 20130717
Product Description
Features
LPTC Series
1310nm
S band
C band
L band
Unit
Wavelength Range
1270~1350
1420~1500
1530~1565 1570~1605
nm
Fiber Type
Corning SMF-28 or equivalent
Insertion Loss [1]
See Insertion Loss Table
Return Loss
≥ 55
dB
Directivity
≥ 55
dB
Temperature Dependent Loss [2]
Signal Path: 0.02~0.10,
Tap Path: 0.10~0.20
dB
Optical Power Handling
≤ 4
W
Operating Temperature Range[3]
-40 to +75
°C
Storage Temperature Range
-40 to +85
°C
Package Dimension [4]
P1: 250μm SMF-28 bare fiber
(ø)3.0 x (L)47
mm
P2: 900μm loose tube
(ø)3.0 x (L)60
P3: 3mm cable
(L)96 x (W)12 x (H)6.4
Qualification
Telcordia GR-1221
Applications
Performance Specificationns
Port 1 In
L
Ø
Port 2 Signal (High%)
Port 3 Tap
Port 4 (terminated for
1x2 configuration)
(Low%)
[1]
Values are referenced without connector loss.
[2]
Temperature Dependent Loss (TDL) is defined as Insertion Loss ( IL) variation within –5 to 75 °C operating temperature.
For example, TDL are 0.2dB and 0.02dB respectively for the two ports of 1/99% tap coupler. Smaller coupling ratio tends
to have higher TDL. A 5% tap coupler has smaller TDL than 1% tap coupler on tap port and higher TDL on signal port.
[3]
Operating temperature range at -5 to 75°C in P2, P3 package and all package with connectors.
[4]
The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
Ultra-Low PDL Fused Tap Coupler
(1310, S, C, L Band)
LPTC Series
The Oplink LPTC (1x2 and 2x2) coupler series feature exceptionally low polarization
dependent loss on both signal and tap ports as well as excellent uniformity and low
excess loss. They are available with various tap ratios, wavelength ranges, fiber types,
and connector options. All devices are shown to be able to handle high optical power
up to 4W and are tested according to industry standard procedures. Reliabilityisguar-
anteed through stringent tests to fully meet Telcordia GR-1221 requirements.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full func-
tion module or subsystem.
Wavelength independent
Low insertion loss and PDL
High power handling
Guranteed reliability
Signal monitoring in EDFA
CATV
Local Area Networks
Testing instruments


Similar Part No. - LPTC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
logo
Bel Fuse Inc.
LPTC-V BEL-LPTC-V Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
LPTC-V-0.51-1-40 BEL-LPTC-V-0.51-1-40 Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
LPTC-V-0.51-2-30 BEL-LPTC-V-0.51-2-30 Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
LPTC-V-0.51-3-20 BEL-LPTC-V-0.51-3-20 Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
More results

Similar Description - LPTC

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
Fused Coupler,Two Window
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
Fused Coupler, Visible Light
logo
OPLINK Communications I...
LPTC3150P OPLINK-LPTC3150P Datasheet
166Kb / 3P
Ultra-Low PDL Fused Tap Coupler
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
Polarization Maintaining Tap Coupler
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
Fused Fiber Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
Polarization Maintaining Tap Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com