Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPTC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # LPTC
Description  Ultra-Low PDL Fused Tap Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LPTC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  LPTC Datasheet HTML 1Page - OPLINK Communications Inc. LPTC Datasheet HTML 2Page - OPLINK Communications Inc. LPTC Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc
Ultra-Low PDL Fused Tap Coupler
(1310, S, C, L Band)
LPTC Series
Insertion Loss Tables
Insertion Loss (IL) I : C or L band coupler
Insertion Loss (IL) II : 1310nm, S band coupler
Coupling Ratio
P Grade
A Grade
IL1 (dB)
PDL2 (dB)
IL1 (dB)
PDL2 (dB)
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤ 0.18
19.0-21.0
≤ 0.03
≤ 0.03
≤ 0.20
17.7-21.5
≤ 0.05
≤ 0.05
98/2
≤ 0.25
16.4-18.4
≤ 0.03
≤ 0.03
≤ 0.30
16.0-19.4
≤ 0.05
≤ 0.05
97/3
≤ 0.30
14.6-16.2
≤ 0.03
≤ 0.03
≤ 0.35
14.0-16.8
≤ 0.05
≤ 0.05
95/5
≤ 0.35
12.4-13.8
≤ 0.03
≤ 0.03
≤ 0.40
12.0-14.4
≤ 0.05
≤ 0.05
90/10
≤ 0.60
9.60-10.8
≤ 0.03
≤ 0.03
≤ 0.65
9.20-11.2
≤ 0.05
≤ 0.05
85/15
≤ 0.85
7.80-8.80
≤ 0.03
≤ 0.03
≤ 0.90
7.5-9.0
≤ 0.05
≤ 0.05
80/20
≤ 1.15
6.60-7.60
≤ 0.03
≤ 0.03
≤ 1.15
6.4-8.0
≤ 0.05
≤ 0.05
75/25
≤ 1.35
5.75-6.50
≤ 0.03
≤ 0.03
≤ 1.44
5.6-6.7
≤ 0.05
≤ 0.05
70/30
≤ 1.75
5.00-5.50
≤ 0.03
≤ 0.03
≤ 1.82
4.9-5.8
≤ 0.05
≤ 0.05
65/35
≤ 2.10
4.40-4.90
≤ 0.03
≤ 0.03
≤ 2.15
4.3-5.0
≤ 0.05
≤ 0.05
60/40
≤ 2.50
3.95-4.30
≤ 0.03
≤ 0.03
≤ 2.60
3.7-4.6
≤ 0.05
≤ 0.05
55/45
≤ 2.85
3.35-3.80
≤ 0.03
≤ 0.03
≤ 2.90
3.1-4.0
≤ 0.05
≤ 0.05
50/50
2.80-3.30
≤ 0.03
2.70-3.30
≤ 0.05
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL). For S-band product, add 0.1dB due to water absorption peak of fiber.
2. Insertion loss change over the all input polarization states.
Coupling Ratio
P Grade
A Grade
IL1 (dB)
PDL2 (dB)
IL1 (dB)
PDL2 (dB)
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤ 0.18
18.2-21.0
≤ 0.03
≤ 0.03
≤ 0.23
17.4-21.5
≤ 0.05
≤ 0.05
98/2
≤ 0.25
16.0-18.6
≤ 0.03
≤ 0.03
≤ 0.30
15.2-19.8
≤ 0.05
≤ 0.05
97/3
≤ 0.30
14.4-16.4
≤ 0.03
≤ 0.03
≤ 0.34
13.7-17.1
≤ 0.05
≤ 0.05
95/5
≤ 0.35
12.2-14.0
≤ 0.03
≤ 0.03
≤ 0.40
11.8-14.7
≤ 0.05
≤ 0.05
90/10
≤ 0.60
9.40-11.0
≤ 0.03
≤ 0.03
≤ 0.65
9.00-11.3
≤ 0.05
≤ 0.05
85/15
≤ 0.90
7.70-8.85
≤ 0.03
≤ 0.03
≤ 0.85
7.4-9.1
≤ 0.05
≤ 0.05
80/20
≤ 1.15
6.30-7.80
≤ 0.03
≤ 0.03
≤ 1.15
6.0-8.1
≤ 0.05
≤ 0.05
75/25
≤ 1.50
5.45-6.70
≤ 0.03
≤ 0.03
≤ 1.44
5.5-6.8
≤ 0.05
≤ 0.05
70/30
≤ 1.75
4.60-5.75
≤ 0.03
≤ 0.03
≤ 1.82
4.7-5.9
≤ 0.05
≤ 0.05
65/35
≤ 2.05
4.10-5.05
≤ 0.03
≤ 0.03
≤ 2.02
4.2-5.0
≤ 0.05
≤ 0.05
60/40
≤ 2.50
3.85-4.40
≤ 0.03
≤ 0.03
≤ 2.60
3.7-4.6
≤ 0.05
≤ 0.05
55/45
≤ 2.85
3.15-3.80
≤ 0.03
≤ 0.03
≤ 2.81
3.1-4.0
≤ 0.05
≤ 0.05
50/50
2.70-3.40
≤ 0.03
2.60-3.50
≤ 0.05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com