Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPTC Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # LPTC
Description  Ultra-Low PDL Fused Tap Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LPTC Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  LPTC Datasheet HTML 1Page - OPLINK Communications Inc. LPTC Datasheet HTML 2Page - OPLINK Communications Inc. LPTC Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
S0093 - R04. (web) 20130717
Ultra-Low PDL Fused Tap Coupler
(1310, S, C, L Band)
LPTC Series
LPTC
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
0
Wavelength
1310 nm = 3
C band = 5
S band = 4
L band = 6
Tap Ratio
Grade
Fiber Length
Package & Fiber Type
1x2 = 1
2x2 = 2
P Grade = P
A Grade = A
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
P1 + 250 µm bare fiber = 11
P2 + 900 µm loose tube = 22
P3 + 3 mm cable = 33
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/UPC = 9
MU = A
LC/APC = B
50/50= 50
45/55= 45
40/60= 40
35/65= 35
30/70= 30
25/75= 25
20/80= 20
15/85= 15
10/90= 10
5/95= 05
3/97= 03
2/98= 02
1/99= 01
Type
*The tolerance of fiber length is +/-0.1m (for connector option only, for without connector, just keep the length as
minimum). 1 meter is standard. The lead-time for special fiber length will be longer.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com