Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINI-SWFC Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MINI-SWFC
Description  Mni Single Window Single Mode iber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MINI-SWFC Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MINI-SWFC Datasheet HTML 1Page - OPLINK Communications Inc. MINI-SWFC Datasheet HTML 2Page - OPLINK Communications Inc. MINI-SWFC Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Features
Mini SWFC Series
980
nm
1310
nm
S
Band
C
Band
L
Band
C+L
Band
Unit
Wavelength Range
970~ 990
1270~
1350
1420~
1500
1530~
1565
1570~
1605
1530~
1610
nm
Fiber Type
CorningHI980
CorningHI1060FLEX
OFSBF05635-02
Corning SMF-28
Insertion Loss [1]
See Insertion Loss Table I, II, III
dB
Return Loss
≥ 55
dB
Directivity
≥ 55
dB
TDL [2]
Signal Path: <0.1dB, Tap Path: <0.15 dB
dB
Optical Power Handling
≤ 4
W
Operating Temperature
Range [3]
- 40 to + 75
°C
Storage Temperature Range
- 40 to + 85
°C
Package Dimension
P5 : 250 µm bare fiber
(Ø) 3.0 (±0.1) x (L) 35.0 (±1)
mm
Qualifications
Telcordia GR-1221
Applications
Performance Specificationns
[1] Values are referenced without connector loss.
[2] Temperature Sensitivity Coefficient ~0.002dB/°C at the range of –5 to 75°C.
[3] Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors
Port 1 In
L
Ø
Port 2 Main (High%)
Port 3 Tap
Port 4 (terminated for
1x2 configuration)
(Low%)
S0160 - R04. 20100824
Mini Single Window Single Mode
Fiber Coupler
Mini SWFC Series
The Oplink mini fused single window wideband fiber 1x2 (2x2) couplers provide ac-
curate optical signal coupling and splitting over wide bandwidth with high performance
and high reliability in miniature or sub-miniature package.These couplers have excel-
lent uniformity, low excess loss and very low polarization sensitivity and are available
with various tap ratios, wavelength ranges, fiber types, and connector options.The small
form factor with reduced cladding fiber is essential for compact system integration.All
devices are shown to be able to handle high optical power up to 4W and are tested
according to industry standard procedures. Reliability is guaranteed through stringent
tests to fully meet Telcordia GR-1221 requirements.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full func-
tion module or subsystem.
Miniagure Package
Wavelength Independent
Low Insertion Loss and PDL
High Power Handling
Guranteed Reliability
Signal Monitoring in EDFA
Network Monitoring
CATV
Local Area Networks
Testing Instruments
Laboratory R&D


Similar Part No. - MINI-SWFC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MINI-SWDM OPLINK-MINI-SWDM Datasheet
286Kb / 2P
Mini Fused Single-Mode WDM
More results

Similar Description - MINI-SWFC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC9150P OPLINK-SWFC9150P Datasheet
190Kb / 3P
Mini Single Window Single Mode Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
Single Window Single-Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWTC-S0171 OPLINK-SWTC-S0171 Datasheet
354Kb / 2P
Single Window, Single Mode Windband Tree/star Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
Single Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com