Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINI-SWFC Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # MINI-SWFC
Description  Mni Single Window Single Mode iber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MINI-SWFC Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  MINI-SWFC Datasheet HTML 1Page - OPLINK Communications Inc. MINI-SWFC Datasheet HTML 2Page - OPLINK Communications Inc. MINI-SWFC Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
SWFC
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Insertion Loss (IL) III : 980nm coupler
0
0
Package & Fiber Type
Tap Ratio
Grade
Type
P5 + Corning SMF-28 = 51
P5 + Corning HI1060FLEX = 56
P5 + Corning HI980 = 59
P5 + OFS BF05635-02 = 57
50/50 = 50
45/55 = 45
40/60 = 40
35/65 = 35
30/70 = 30
25/75 = 25
20/80 = 20
15/85 = 15
10/90 = 10
5/95 = 05
3/97 = 03
2/98 = 02
1/99 = 01
Premium Grade = P
A Grade = A
1x2 = 1
2x2 = 2
Wavelength
Fiber Length*
980 nm = 9
1310 nm = 3
C band = 5
S band = 4
L band = 6
C+L band = 1
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type**
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/UPC = 9
MU = A
LC/APC = B
Mini Single Window Single Mode Fiber Coupler
Mini SWFC Series
S0160 - R04. 20100824
Notes :
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead time for special fiber length will be longer.
** HI1060, HI980 and OFS BF05635-02 fiber option is for bare fiber only (no connectors). 980-16 fiber option is for bare fiber only (no connectors).
Coupling Ratio
Premium Grade
A Grade
IL1 (dB)
PDL2 (dB)
IL1 (dB)
PDL2 (dB)
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤0.20
18.5 - 21.0
≤0.05
≤0.12
≤0.25
15.5 - 21.5
≤0.07
≤0.15
98/2
≤0.28
16.0 - 18.6
≤0.05
≤0.12
≤0.30
15.2 - 19.5
≤0.07
≤0.15
95/5
≤0.38
11.4 - 14.8
≤0.05
≤0.12
≤0.50
11.2 - 15.2
≤0.07
≤0.15
90/10
≤0.60
9.20 - 11.3
≤0.07
≤0.12
≤0.70
8.70 - 11.7
≤0.10
≤0.15
80/20
≤1.30
5.70 - 7.90
≤0.10
≤0.12
≤1.50
5.40 - 8.50
≤0.10
≤0.15
70/30
≤1.90
4.30 - 6.00
≤0.10
≤0.10
≤2.20
4.20 - 6.40
≤0.10
≤0.15
60/40
≤2.60
3.40 - 4.70
≤0.10
≤0.10
≤2.80
3.20 - 4.70
≤0.10
≤0.15
50/50
2.70 - 3.40
≤0.10
2.60 - 3.60
≤0.15
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com