Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINI-SWFC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MINI-SWFC
Description  Mni Single Window Single Mode iber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MINI-SWFC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MINI-SWFC Datasheet HTML 1Page - OPLINK Communications Inc. MINI-SWFC Datasheet HTML 2Page - OPLINK Communications Inc. MINI-SWFC Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc.
Insertion Loss (IL) I : C or L band coupler
Insertion Loss (IL) II : 1310nm, S or C+L band coupler
Mini Single Window Single Mode Fiber Coupler
Mini SWFC Series
Insertion Loss Tables
Coupling Ratio
Premium Grade
A Grade
IL1 (dB)
PDL2 (dB)
IL1 (dB)
PDL3 (dB)
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤0.18
19.0 - 21.0
≤0.04
≤0.12
≤0.20
17.7 - 21.5
≤0.05
≤0.15
98/2
≤0.25
16.4 - 18.4
≤0.04
≤0.12
≤0.30
16.0 - 19.4
≤0.05
≤0.15
97/3
≤0.30
14.6 - 16.2
≤0.04
≤0.12
≤0.35
14.0 - 16.8
≤0.05
≤0.15
95/5
≤0.35
12.4 - 13.8
≤0.04
≤0.10
≤0.40
12.0 - 14.4
≤0.05
≤0.15
90/10
≤0.60
9.60 - 10.8
≤0.05
≤0.10
≤0.65
9.20 - 11.2
≤0.06
≤0.14
85/15
≤0.85
7.80 - 8.80
≤0.05
≤0.10
≤0.90
7.5 - 9.0
≤0.06
≤0.14
80/20
≤1.15
6.60 - 7.60
≤0.05
≤0.10
≤1.15
6.4 - 8.0
≤0.07
≤0.13
75/25
≤1.35
5.75 - 6.50
≤0.06
≤0.10
≤1.44
5.6 - 6.7
≤0.07
≤0.13
70/30
≤1.75
5.00 - 5.50
≤0.06
≤0.10
≤1.82
4.9 - 5.8
≤0.08
≤0.12
65/35
≤2.10
4.40 - 4.90
≤0.07
≤0.10
≤2.15
4.3 - 5.0
≤0.08
≤0.12
60/40
≤2.50
3.95 - 4.30
≤0.07
≤0.09
≤2.60
3.7 - 4.6
≤0.08
≤0.10
55/45
≤2.85
3.35 - 3.80
≤0.07
≤0.09
≤2.90
3.1 - 4.0
≤0.09
≤0.10
50/50
2.80 - 3.30
≤0.08
2.70 - 3.30
≤0.10
Coupling Ratio
Premium Grade
A Grade
IL1 (dB)
PDL2 (dB)
IL1 (dB)
PDL2 (dB)
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤0.18
18.2 - 21.0
≤0.04
≤0.15
≤0.23
17.4 - 21.5
≤0.05
≤0.20
98/2
≤0.25
16.0 - 18.6
≤0.04
≤0.12
≤0.30
15.2 - 19.8
≤0.05
≤0.15
97/3
≤0.30
14.4 - 16.4
≤0.04
≤0.12
≤0.34
13.7 - 17.1
≤0.05
≤0.15
95/5
≤0.35
12.2 - 14.0
≤0.04
≤0.10
≤0.40
11.8 - 14.7
≤0.05
≤0.15
90/10
≤0.60
9.40 - 11.0
≤0.05
≤0.10
≤0.65
9.0 - 11.3
≤0.06
≤0.15
85/15
≤0.90
7.70 - 8.85
≤0.05
≤0.10
≤0.85
7.4 - 9.1
≤0.06
≤0.15
80/20
≤1.15
6.30 - 7.80
≤0.05
≤0.10
≤1.15
6.0 - 8.1
≤0.07
≤0.14
75/25
≤1.50
5.45 - 6.70
≤0.06
≤0.10
≤1.44
5.5 - 6.8
≤0.07
≤0.14
70/30
≤1.75
4.60 - 5.75
≤0.06
≤0.10
≤1.82
4.7 - 5.9
≤0.08
≤0.13
65/35
≤2.05
4.10 - 5.05
≤0.07
≤0.10
≤2.02
4.2 - 5.0
≤0.08
≤0.13
60/40
≤2.50
3.85 - 4.40
≤0.07
≤0.09
≤2.60
3.7 - 4.6
≤0.09
≤0.11
55/45
≤2.85
3.15 - 3.80
≤0.07
≤0.09
≤2.81
3.1 - 4.0
≤0.09
≤0.11
50/50
2.70 - 3.40
≤0.08
2.60 - 3.50
≤0.10
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL). For S-band product, add 0.1dB due to water absorption peak of fiber.
2. Insertion loss change over the all input polarization states.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com