Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281RL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP55281RL/NOPB Datasheet HTML 1Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 2Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 3Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 4Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 5Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 6Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 7Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 8Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
Absolute Maximum Ratings
(1) (2)
V (SW, FB, R1-4, G1-4, B1-4, ALED (3) (4))
-0.3V to +7.2V
VDD1, VDD2, VDDIO, VDDA
-0.3V to +6.0V
Voltage on ASE1-2, IRT, IRGB, VREF
-0.3V to VDD1 +0.3V with 6.0V max
Voltage on Logic Pins
-0.3V to VDDIO + 0.3V with 6.0V max
V (all other pins): Voltage to GND
-0.3V to +6.0V
I (VREF)
10 µA
I (R1-4, G1-4, B1-4)
100 mA
Continuous Power Dissipation (5)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Reflow
260°C
soldering, 3 times) (6)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Battery/Charger voltage should be above 6V no more than 10% of the operational lifetime.
(4)
Voltage tolerance of LP55281 above 6.0V relies on fact that VDD1 and VDD2 (2.8V) are available (ON) at all conditions. If VDD1 and VDD2
are not available (ON) at all conditions, National Semiconductor® does not guarantee any parameters or reliability for this device.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.)
(6)
For detailed soldering specifications and information, please refer to National Semiconductor Application Note AN1112 : Micro SMD
Wafer Level Chip Scale Package or National Semiconductor Application Note AN1412 : Micro SMDxt Wafer Level Chip Scale Package.
ESD Rating
Human Body Model (1)
2 kV
(1)
The Human Body Model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. MIL-STD-883 3015.7
Operating Ratings
(2) (3)
V (SW, FB, R1-4, G1-4, B1-4, ALED)
0 to 6.0V
VDD1,2 with external LDO
2.7V to 5.5V
VDD1,2 with internal LDO
3.0V to 5.5V
VDDA
2.7V to 2.9V
VDDIO
1.65V to VDD1
Voltage on ASE1-2
0.1V to VDDA - 0.1V
Recommended Load Current
0 mA to 300 mA
Junction Temperature (TJ) Range
-30°C to +125°C
Ambient Temperature (TA) Range
(1)
-30°C to +85°C
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(3)
All voltages are with respect to the potential at the GND pins.
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP - (θJA x PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA), TLA36AAA Package
60°C/W
(1)
(1)
Junction-to-Ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com