Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281RL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 3Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 4Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 5Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 6Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 7Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 8Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 9Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 10Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
Electrical Characteristics
(1) (2) (continued)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range (-
30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP55281 Block Diagram with: VDD1 = VDD2 = 3.6V,
VDDIO = 2.8V, CV
DD = C
VDDIO = 100 nF, COUT = CIN = 10 µF, CVDDA= 1 µF, CREF = 100 nF, L1 = 4.7 µH, RRGB = 8.2 kΩ and RRT =
82 k
Ω
(3).
ILEAKAGE
R1-4, G1-4, B1-4 pin leakage current
5.5V at measured pin
0.1
1
µA
IRGB
Maximum Recommended Sink Current
Limited with external resistor RRGB
40
mA
Accuracy @ 15 mA
RRGB = 8.2 kΩ ± 1 %
± 5
%
Current mirror ratio
(6)
1 : 100
RGB1-4 current mismatch
IRGB = 15 mA
± 5
%
fPWM
RGB switching frequency
Accuracy defined by internal
fPWM
oscillator, frequency value selectable
AUDIO SYNCHRONIZATION INPUT ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
ZIN
Input Impedance of ASE1, ASE2
(6)
10
15
k
Ω
AIN
ASE1, ASE2 Audio Input Level Range
Min input level needs maximum gain;
0
1600
mV
(peak-to-peak)
Max input level for minimum gain
ALED DRIVER ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
Ileakage
Leakage current
VALED = 5.5V
0.03
1
µA
IALED
ALED current tolerance
IALED set to 13.2 mA
11.9
13.2
14.5
mA
-10
+10
%
LOGIC INTERFACE CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic Input SS/SDA, SI/A0, SCK/SCL, IF_SEL
VIL
Input Low Level
0.2*VDDIO
V
VIH
Input High Level
0.8*VDDIO
V
II
Logic Input Current
-1.0
1.0
µA
fSCK/SCL
Clock Frequency
I2C
400
kHz
SPI Mode,
13
MHz
VDDIO > 1.8V
(7)
SPI Mode,
5
MHz
1.65V
≤ VDDIO < 1.8V
Logic Input NRST
VIL
Input Low Level
0.5
V
VIH
Input High Level
1.2
V
II
Logic Input Current
-1.0
1.0
µA
tNRST
Reset Pulse Width
10
µs
Logic Output SO
VOL
Output Low Level
ISO = 3 mA
0.3
0.5
V
VDDIO > 1.8V
ISO = 2 mA
0.3
0.5
1.65V
≤ VDDIO < 1.8V
VOH
Output High Level
ISO = -3 mA
VDDIO -
VDDIO -
V
VDDIO > 1.8V
0.5
0.3
ISO = -2 mA
VDDIO -
VDDIO -
1.65V
≤ VDDIO < 1.8V
0.5
0.3
IL
Output Leakage Current
VSO = 2.8V
1.0
µA
Logic Output SDA
VOL
Output Low Level
ISDA = 3 mA
0.3
0.5
V
(7)
Data guaranteed by design
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com