Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281RL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 2Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 3Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 4Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 5Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 6Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 7Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 8Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 9Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range (-
30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP55281 Block Diagram with: VDD1 = VDD2 = 3.6V,
VDDIO = 2.8V, CV
DD = C
VDDIO = 100 nF, COUT = CIN = 10 µF, CVDDA= 1 µF, CREF = 100 nF, L1 = 4.7 µH, RRGB = 8.2 kΩ and RRT =
82 k
Ω
(3).
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Standby supply current (VDD1 + VDD2 +
NSTBY = L
1
10
µA
leakage to SW, FB, RGB1-4, ALED)
SCK = SS = SI = H
NRST = L
No-Boost supply current (VDD1 + VDD2)
NSTBY = H, EN_BOOST = L
350
µA
SCK = SS = SI = H
Audio synchronization and LEDs
OFF
No-load supply current (VDD1 + VDD2)
NSTBY = H, EN_BOOST = H, SCK
0.6
mA
= SS = SI = H
Audio synchronization and LEDs
OFF
Autoload OFF
Total RGB drivers quiescent current
EN_RGBx = H
250
µA
(VDD1 + VDD2)
ALED driver current (VDD1 + VDD2)
ALED[7:0] = FFh
180
µA
ALED[7:0] = 00h
0
µA
Audio Synchronization current (VDD1 +
Audio Synchronization ON
390
µA
VDD2)
VDD1,2 = 2.8V
700
µA
VDD1,2 = 3.6V
IDDIO
VDDIO Standby Supply current
NSTBY = L
1
µA
SCK = SS = SI = H
VDDIO supply current
1 MHz SCK frequency in SPI mode,
20
µA
CL = 50 pF at SO pin
VDDA
Output voltage of internal LDO for
(4)
-3%
2.80
+3%
V
analog parts
MAGNETIC BOOST DC/DC CONVERTER ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
ILOAD
Recommended Load Current
3.0V
≤ VIN
0
300
mA
VOUT = 5V
3.0V
≤ VIN
0
400
mA
VOUT = 4V
VOUT
Output Voltage Accuracy (FB pin)
3.0V
≤ VIN ≤ VOUT - 0.5
-5
+5
%
VOUT = 5V
Output Voltage (FB pin)
1 mA
≤ ILOAD ≤ 300 mA
VIN -
V
VIN > VOUT + VSCHOTTKY
(5)
Vschottky
RDSON
Switch ON resistance
VDD1,2 = 3.0V, ISW = 0.5 A
0.4
0.8
Ω
fBoost
PWM mode switching frequency
RT = 82 k
Ω
2
MHz
freq_sel[2:0] = 1XX
Frequency Accuracy
2.7V
≤ VDDA ≤ 2.9V
-7
± 3
+7
%
RT = 82 k
Ω ± 1%
-10
+10
tPULSE
Switch pulse minimum width
no load
30
ns
t
STARTUP
Startup time
Boost startup from STANDBY (6)
10
ms
ISW_MAX
SW pin current limit
700
800
900
mA
550
950
RGB DRIVER ELECTRICAL CHARACTERISTICS (R1-4, G1-4, B1-4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most
likely norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
VDDA output is not recommended for external use.
(5)
When VIN rises above VOUT + VSCHOTTKY, VOUT starts to follow the VIN voltage rise so that VOUT = VIN - VSCHOTTKY
(6)
Data guaranteed by design
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com