Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281TL/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281TL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281TL/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP55281TL/NOPB Datasheet HTML 13Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
15k
ASE2
ADC
GAIN_SEL[2:0]
EN_AGC
PEAK
DETECTOR
ALED
CONTROL
HOLD
SPEED_CTRL[1:0]
THRESHOLD[3:0]
ASE1
15k
Threshold
&
AGC
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
CONTROL OF AUDIO SYNCHRONIZATION
The following table describes the controls required for audio synchronization. ALED brightness control through
serial interface is not available when audio synchronization is enabled.
Table 2. Audio Synchronization Control (Registers 0Dh and 0Eh)
GAIN_SEL[2:0]
Register 0Dh
Input signal gain control. Gain has a range from 0 dB to -46 dB.
Bits 7-5
[000] = 0 dB, [001] = -6 dB, [010] = -12 dB, [011] = -18 dB,
[100] = -24 dB, [101] = -31 dB, [110] = -37 dB, [111] = -46 dB
DC_FREQ
Register 0Dh
Control of the high-pass filter's corner frequency:
Bit 4
0 = 80 Hz
1 = 510 Hz
EN_AGC
Register 0Dh
Automatic gain control. Set EN_AGC = 1 to enable automatic control or 0
Bits 3
to disable. When EN_AGC is disabled, the audio input signal gain value is
defined by GAIN_SEL.
EN_SYNC
Register 0Dh
Audio synchronization enabled. Set EN_SYNC = 1 to enable audio
Bits 2
synchronization or 0 to disable.
SPEED_CTRL[1:0]
Register 0Dh
Control for refreshing frequency. Sets the typical refreshing rate for the
Bits 1-0
ALED output
[00] = FASTEST, [01] = 15 Hz, [10] = 7.6 Hz, [11] = 3.8 Hz
THRESHOLD[3:0]
Register 0Eh
Control for the audio input threshold. Sets the typical threshold for the
Bits 3-0
audio inputs signals. May be needed if there is noise on the audio lines.
Table 3. Audio Input Threshold Setting (Register 0Eh)
THRESHOLD[3:0]
Threshold Level, mV (typical)
0000
Disabled
0001
0.2
0010
0.4
...
...
1110
2.5
1111
2.7
Table 4. Typical Gain Values vs Audio Input Amplitude
Audio Input Amplitude mVP-P
Gain Value dB
0 to 10
0
0 to 20
-6
0 to 40
-12
1 to 85
-18
3 to 170
-24
5 to 400
-31
10 to 800
-37
20 to 1600
-46
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com