Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281TL/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281TL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281TL/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP55281TL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ALED[7:0]
EN_ALED
8-Bit IDAC
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
ALED Driver
LP55281 has a single ALED driver. It is a constant current sink with an 8-bit control. ALED driver can be used as
a DC current sink or an audio synchronized current sink. Note, that when the audio synchronization function is
enabled, the 8-bit current control register has no effect.
ALED driver is enabled when audio synchronization is enabled (EN_SYNC = 1) or when ALED[7:0] control byte
has other than 00h value.
ADJUSTMENT OF ALED DRIVER
Adjustment of the ALED driver current (Register 0Ch) is described in table below:
ALED[7:0]
Driver Current, mA
(typical)
0000 0000
0
0000 0001
0.06
0000 0010
0.1
...
...
1111 1101
14.8
1111 1110
14.9
1111 1111
15
With other than values on the table, the current value can be calculated to be (15.0 mA / 255) * ALED[7:0],
where ALED[7:0] is value in decimals.
LED Test Interface
All LED pin voltages and boost output voltage in LP55281 can be measured and value can be read through the
SPI/I2C compatible interface. MUX_LED[3:0] bits in the LED test register (address 12h) are used to select one of
the LED outputs or boost output for measurement. The selected output is connected to the internal ADC through
a 55 k
Ω resistor divider. The AD conversion is activated by setting the EN_LTEST bit to '1'. The first conversion
is ready after 128 µs from this. The result can be read from the ADC output register (address 13h). The device
executes the AD conversions automatically once in every 128 µs period, as long as the EN_LTEST bit is '1'.
User can set the preferred DC current level with the LED driver controls. The RGB drivers' PWM must be set to
100%, or otherwise there can appear random variation on results. Note, that the 55 k
Ω resistor divider causes
small additional current through the LED under measurement.
ADC result can be converted into a voltage value (of the selected pin) by multiplying the ADC result (in decimals)
with 27.345 mV (value of LSB). The calculated voltage value is the voltage between the selected pin and ground.
The internal LDO voltage is used as a reference voltage for the conversion. The accuracy of LDO is ± 3%, which
is defining the overall accuracy. The non-linearity and offset figures are both better than 2LSB.
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com