Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281TL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281TL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281TL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP55281TL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 24Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SS
SCK
SI
SO
Don't Care
A6
A5
A4
A3
A2
A1
A0
R/W
0
D7
D6
D5
D4
D3
D2
D1
D0
SS
SCK
SI
SO
A6
A5
A4
A3
A2
A1
A0
1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SW
BATTERY
LDO
Analog
supply
voltage
LP55281
Digital
supply
voltage
LBoost
CVDDA
1 PF
CVDD
100 nF
CIN
10 PF
VDDA
VDD2
VDD1
2.8V
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
Control Interface
The LP55281 supports two different interface modes:
SPI interface (4 wire, serial)
I2C compatible (2 wire, serial)
User can define the serial interface by IF_SEL pin. If IF_SEL = 0, I2C mode is selected.
SPI INTERFACE
LP55281 is compatible with SPI serial bus specification and it operates as a slave. The transmission consists of
16-bit Write and Read Cycles. One cycle consists of a 7 Address bits, 1 Read/Write (RW) bit and 8 Data bits.
RW bit high state defines a Write Cycle and low a Read Cycle. SO output is normally in high-impedance state
and it is active only when Data is sent out during a Read Cycle. A pull-up resistor may be needed in SO line if a
floating logic signal can cause unintended current consumption in the input circuits where SO is connected. The
Address and Data are transmitted MSB first. The Slave Select signal (SS) must be low during the Cycle
transmission. SS resets the interface when high and it has to be taken high between successive Cycles. Data is
clocked in on the rising edge of the clock signal (SCK), while data is clocked out on the falling edge of SCK.
Figure 18. SPI Write Cycle
Figure 19. SPI Read Cycle
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com