Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C338 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB40C338
Description  3 ch 8-bit 162 MSPS A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C338 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB40C338 Datasheet HTML 4Page - fujitsu semiconductor MB40C338 Datasheet HTML 5Page - fujitsu semiconductor MB40C338 Datasheet HTML 6Page - fujitsu semiconductor MB40C338 Datasheet HTML 7Page - fujitsu semiconductor MB40C338 Datasheet HTML 8Page - fujitsu semiconductor MB40C338 Datasheet HTML 9Page - fujitsu semiconductor MB40C338 Datasheet HTML 10Page - fujitsu semiconductor MB40C338 Datasheet HTML 11Page - fujitsu semiconductor MB40C338 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MB40C338
8
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
DC Characteristics in Analog Section
• Power supply current
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
•A/D Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• Video AMP Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• CLAMP Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
• PLL Block
(AVDD
= DVDD = PVDD = 3.0 V to 3.6 V, VESD = 3.0 V to 5.25 V, Ta = −20 °C to +70 °C)
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Analog power supply current
AIDD
220
310
mA
Digital power supply current
DIDD
100
110
mA
Power supply current PLL section
(@ fVCOH
= 162 MHz, Icp = 0.5 mA, DIV = 1/1)
PIDD
16
20
mA
Standby current
ISB
10
mA
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Resolution

8
bit
Linearity error (DC Accuracy)
LE
−0.8
±0.4
+0.8
%
Differential linearity error
(DC Accuracy)
DLE
−0.36
±0.2
+0.65
%
Reference voltage : T
VREFT
0.63
× AVDD
0.67
× AVDD
0.70
× AVDD
V
Reference voltage : B
VREFB
0.18
× AVDD
0.21
× AVDD
0.24
× AVDD
V
Analog reference voltage
input current
IRT, IRB
520
µA
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Video AMP gain
GAMP
1.8
1.9
2.0
Video AMP output voltage range
VAMPOUT
0.5
AVDD
− 0.6
V
Video AMP frequency width
BW
250
MHz
Video AMP input capacity
CVIN
5
pF
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
VCLP input current
ICLP
520
µA
Clamp voltage
VCLAMP
VCLP
− 0.1
VCLP
VCLP
+ 0.1
V
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
CLK jitter (@ fHSYNC
= 79.98 kHz, fCLK = 135.0 MHz)
Ptj
1.0
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com