Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C338 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C338
Description  3 ch 8-bit 162 MSPS A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C338 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C338 Datasheet HTML 1Page - fujitsu semiconductor MB40C338 Datasheet HTML 2Page - fujitsu semiconductor MB40C338 Datasheet HTML 3Page - fujitsu semiconductor MB40C338 Datasheet HTML 4Page - fujitsu semiconductor MB40C338 Datasheet HTML 5Page - fujitsu semiconductor MB40C338 Datasheet HTML 6Page - fujitsu semiconductor MB40C338 Datasheet HTML 7Page - fujitsu semiconductor MB40C338 Datasheet HTML 8Page - fujitsu semiconductor MB40C338 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MB40C338
3
s
s
s
s PIN DESCRIPTION
Note: The values in parentheses are standard.
(Continued)
Pin No.
Symbol
Description
9, 23, 47,
79, 107
AVDD
Analog power supply (
+3.3 V)
28, 38, 50,
59, 70, 82,
93, 106
DVDD
Digital power supply (
+3.3 V)
116, 119
PVDD
PLL Power supply pin (
+3.3 V)
14
VESD
Digital input power supply for protect device (
+3.3 V or +5 V)
10, 12, 22,
48, 80, 91,
108
AVSS
Analog power supply ground pin (0 V)
27, 37, 49,
60, 69, 81,
92, 105
DVSS
Digital power supply ground pin (0 V)
114, 120
PVSS
PLL Power supply ground pin (0 V)
1
3
5
RVIN
GVIN
BVIN
1.9 double amp. input pin
11
13
15
RADIN
GADIN
BADIN
A/D converter input pin
Please set these pins to open usually.
19
20
21
RVCLP
GVCLP
BVCLP
Clamp voltage setting input pin
110
VRTM
Reference voltage output pin on top side
111
VRT
Reference voltage input pin on top side
112
VREFT
Reference voltage generator output pin on top side
16
VRBM
Reference voltage output pin on bottom side
17
VRB
Reference voltage input pin on bottom side
18
VREFB
Reference voltage generator output pin on bottom side
6
2
109
VR1
VR2
VR3
Reference 1/4 voltage output pin (Add 0.1
µF for AVSS)
Reference 1/2 voltage output pin (Add 0.1
µF for AVSS)
Reference 3/4 voltage output pin (Add 0.1
µF for AVSS)
25
CK
Serial data transfer clock input pin
26
DATA
Serial data input pin
24
CS
Chip select signal input pin
It is possible to input to the shift register at CS falling
The content of the shift register is executed at CS rising.
98
EXCLK
Clock input pin for A/D converter (CMOS level)
Fix to “L” level when unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com