Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C338 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB40C338
Description  3 ch 8-bit 162 MSPS A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C338 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB40C338 Datasheet HTML 9Page - fujitsu semiconductor MB40C338 Datasheet HTML 10Page - fujitsu semiconductor MB40C338 Datasheet HTML 11Page - fujitsu semiconductor MB40C338 Datasheet HTML 12Page - fujitsu semiconductor MB40C338 Datasheet HTML 13Page - fujitsu semiconductor MB40C338 Datasheet HTML 14Page - fujitsu semiconductor MB40C338 Datasheet HTML 15Page - fujitsu semiconductor MB40C338 Datasheet HTML 16Page - fujitsu semiconductor MB40C338 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MB40C338
13
s
s
s
s CLAMP and AMP OPERATION
−
+
+
−
RVIN
10
µF
R1
× 1.9
R2
GVIN
PCLP
GADIN
VRT
GVCLP
VRB
0.7 Vp-p
RVCLP
RADIN
Amp/CLAMP circuit
Image signal
Clamp pulse
INTERNAL BIAS
(0.6
× AVDD)
< For example, Sync on G signal input >
1.33 VP-P
Contrast adjust : controlling the voltage difference between VRT and VRB (typ : VRT
− VRB = 1.33 V)
Brightness adjust : controlling the voltage difference between VCLP and VRB (typ : VCLP
= VRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com