Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S32 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S32
Description  4 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S32 Datasheet HTML 7Page - STMicroelectronics ST1S32 Datasheet HTML 8Page - STMicroelectronics ST1S32 Datasheet HTML 9Page - STMicroelectronics ST1S32 Datasheet HTML 10Page - STMicroelectronics ST1S32 Datasheet HTML 11Page - STMicroelectronics ST1S32 Datasheet HTML 12Page - STMicroelectronics ST1S32 Datasheet HTML 13Page - STMicroelectronics ST1S32 Datasheet HTML 14Page - STMicroelectronics ST1S32 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ST1S32
Functional description
Doc ID 023246 Rev 1
11/29
Figure 5.
Small signal model for the error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability and can be neglected.
So, GEA(s) results:
Equation 8
where GEA= Gm · Ro
The poles of this transfer function are (if Cc >> C0+CP):
Equation 9
Equation 10
whereas the zero is defined as:
Equation 11
The embedded compensation network is RC=80 kΩ, CC=55 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 212 M
Ω, so the relevant
singularities are:
Co
Ro
Cc
Cc
Cp
Gm*Vd
VFB
VREF
Vd
Rc
AM11419v1
G
EA s
()
G
EA0
1s
+
R
c
C
c
⋅⋅
()
⋅
s
2
R
0
C
0
C
p
+
() R
c
C
c
sR
0
C
c
⋅
R
0
C
0
C
p
+
() R
c
C
c
⋅
+
⋅
+
() 1
+
⋅
+
⋅⋅
⋅
⋅
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
f
P LF
1
2
π R
0
C
c
⋅⋅
⋅
------------------------------------------
=
f
P HF
1
2
π R
c
C
0
C
p
+
()
⋅⋅
⋅
------------------------------------------------------------
=
f
Z
1
2
π R
c
C
c
⋅⋅
⋅
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com