Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S32 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S32
Description  4 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S32 Datasheet HTML 8Page - STMicroelectronics ST1S32 Datasheet HTML 9Page - STMicroelectronics ST1S32 Datasheet HTML 10Page - STMicroelectronics ST1S32 Datasheet HTML 11Page - STMicroelectronics ST1S32 Datasheet HTML 12Page - STMicroelectronics ST1S32 Datasheet HTML 13Page - STMicroelectronics ST1S32 Datasheet HTML 14Page - STMicroelectronics ST1S32 Datasheet HTML 15Page - STMicroelectronics ST1S32 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Functional description
ST1S32
12/29
Doc ID 023246 Rev 1
Equation 12
So, closing the loop, the loop gain GLOOP(s) is:
Equation 13
Example:
VIN=5 V, VOUT=1.2 V, Iomax=4 A, L=1.0 uH, Cout=47 uF (MLCC), R1=10 k
Ω, R2=20
k
Ω (see Section 5.2 and Section 5.3 for inductor and output capacitor selection
guidelines).
The module and phase Bode plot are reported in Figure 6.
The bandwidth is 117 kHz and the phase margin is 63 degrees.
Figure 6.
Module Bode plot
f
Z
36 2 kHz
,
=
f
P LF
30 Hz
=
G
LOOP s
()
G
CO s
() G
DIV s
() G
EA s
()
⋅⋅
=
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
1 .10
7
60
42
24
6
12
30
48
66
84
102
120
Frequency [Hz]
AM11420v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com