Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S32 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST1S32
Description  4 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST1S32 Datasheet HTML 21Page - STMicroelectronics ST1S32 Datasheet HTML 22Page - STMicroelectronics ST1S32 Datasheet HTML 23Page - STMicroelectronics ST1S32 Datasheet HTML 24Page - STMicroelectronics ST1S32 Datasheet HTML 25Page - STMicroelectronics ST1S32 Datasheet HTML 26Page - STMicroelectronics ST1S32 Datasheet HTML 27Page - STMicroelectronics ST1S32 Datasheet HTML 28Page - STMicroelectronics ST1S32 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ST1S32
Typical characteristics
Doc ID 023246 Rev 1
25/29
Figure 16.
Overcurrent protection
Figure 17.
Short-circuit protection
Green: IL (1A/div)
Yellow: SW (1V/div)
Red: VOUT (200mV/div)
Timescale 200us/div
VIN=5V, VOUT=1.2V, ILOAD=0.5A -> 5.8A
Green: IL (1A/div)
Yellow: SW (1V/div)
Red: VOUT (200mV/div)
Timescale 100us/div
VIN=5.5V, VOUT=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com