Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 2 Page - Texas Instruments

  LM3554 Datasheet HTML 1Page - Texas Instruments LM3554 Datasheet HTML 2Page - Texas Instruments LM3554 Datasheet HTML 3Page - Texas Instruments LM3554 Datasheet HTML 4Page - Texas Instruments LM3554 Datasheet HTML 5Page - Texas Instruments LM3554 Datasheet HTML 6Page - Texas Instruments LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
4.5 mm
5.1 mm
HWEN
SCL
SDA
STROBE
TX1/TORCH/
GPIO1
IN
OUT
GND
LED1
LED2
LEDI/NTC
SW
4.5V or 5V DC Power Rail
Flash
LEDs
Indicator
LED
ENVM/TX2
/GPIO
VBIAS
D1
D2
0.1 PF
RBIAS
4.7 PF
4.7 PF
2.2 PH
2 k:
Thermistor
.5V ± 5.5V
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Typical Application Circuits
Figure 1. Example Layout
Application Circuit Component List
Component
Manufacturer
Value
Part Number
Size (mm)
Rating
L
TOKO
2.2µH
FDSE0312-2R2M
3×3×1.2
2.3A(0.2
Ω)
COUT
Murata
4.7µF/10µF
GRM188R60J475M,
1.6×0.8×0.8 (0603)
6.3V
or
GRM188R60J106M
CIN
Murata
4.7µF
GRM185R60J475M
1.6×0.8×0.8 (0603)
6.3V
LEDs
Lumiled
LXCL-PWF4
1.5A
2
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com